Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS36C200 Datasheet (PDF) - Texas Instruments

DS36C200 Datasheet PDF - Texas Instruments
Part # DS36C200
Download  DS36C200 Download
File Size   593.85 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS36C200 Dual High Speed Bi-Directional Differential Transceiver

DS36C200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS36C200 Datasheet PDF - Texas Instruments

Part # DS36C200
Download  DS36C200 Click to download

File Size   593.85 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS36C200 Dual High Speed Bi-Directional Differential Transceiver

DS36C200 Datasheet (HTML) - Texas Instruments


DS36C200 Product details

1FEATURES
2• Optimized for DSS to DVHS Interface Link
• Compatible IEEE 1394 Signaling Voltage
Levels
• Operates Above 100 Mbps
• Bi-directional Transceivers
• 14-lead SOIC Package
• Ultra Low Power Dissipation
• ±100 mV Receiver Sensitivity
• Low Differential Output Swing Typical 210 mV
• High Impedance During Power Off

DESCRIPTION
The DS36C200 is a dual transceiver device optimized
for high data rate and low power applications. This
device provides a single chip solution for a dual high
speed bi-directional interface. Also, both control pins
may be routed together for single bit control of
datastreams. Both control pins are adjacent to each
other for ease of routing them together. The
DS36C200 is compatible with IEEE 1394 physical
layer and may be used as an economical solution
with some considerations. Please reference the
application information on 1394 for more information. The device is in a 14-lead small outline package. The
differential driver outputs provides low EMI with its
low output swings typically 210 mV. The receiver
offers ±100 mV threshold sensitivity, in addition to
common-mode noise protection.




Similar Part No. - DS36C200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200 Datasheet
581Kb / 9P
Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200 Datasheet
897Kb / 16P
DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
National Semiconductor ...
DS36C200I NSC-DS36C200I Datasheet
620Kb / 11P
Dual High Speed Bi-Directional Differential Transceiver
DS36C200IMA NSC-DS36C200IMA Datasheet
620Kb / 11P
Dual High Speed Bi-Directional Differential Transceiver
More results


Similar Description - DS36C200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
Dual High Speed Bi-Directional Differential Transceiver
logo
Agilent(Hewlett-Packard...
HCPL-0560 HP-HCPL-0560 Datasheet
247Kb / 16P
Dual Channel Bi-directional High Speed Optoisolators
logo
National Semiconductor ...
DS36C200 NSC-DS36C200_05 Datasheet
581Kb / 9P
Dual High Speed Bi-Directional Differential Transceiver
DS36C200I NSC-DS36C200I Datasheet
620Kb / 11P
Dual High Speed Bi-Directional Differential Transceiver
logo
List of Unclassifed Man...
GTR-221X ETC2-GTR-221X Datasheet
437Kb / 8P
Bi-Directional 1X9 Transceiver
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
SFP Bi-Directional Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200_13 Datasheet
897Kb / 16P
DS36C200 Dual High Speed Bi-Directional Differential Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com