Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS50PCI402 Datasheet (PDF) - Texas Instruments

DS50PCI402 Datasheet PDF - Texas Instruments
Part # DS50PCI402
Download  DS50PCI402 Download
File Size   674.81 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis

DS50PCI402 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS50PCI402 Datasheet PDF - Texas Instruments

Part # DS50PCI402
Download  DS50PCI402 Click to download

File Size   674.81 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis

DS50PCI402 Datasheet (HTML) - Texas Instruments


DS50PCI402 Product details

1FEATURES
2• Input and Output signal conditioning
increases PCIe reach in backplanes and
cables
• 0.09 UI of residual deterministic jitter at 5Gbps
after 42” of FR4 (with Input EQ)
• 0.11 UI of residual deterministic jitter at 5Gbps interafter
7m of PCIe Cable (with Input EQ)
• 0.09 UI of residual deterministic jitter at 5Gbps
with 28” of FR4 (with Output DE)
• 0.13 UI of residual deterministic jitter at 5Gbps
with 7m of PCIe Cable (with Output DE)
• Adjustable Transmit VOD 800 to 1200mVp-p
• Automatic and manual Receiver Detection and
input termination control circuitry
• Automatic power management on an
individual lane basis via SMBus
• Adjustable electrical idle detect threshold.
• Data rate optimized 3-stage equalization to 27
dB gain
• Data rate optimized 6-level 0 to 12 dB transmit
de-emphasis
• Flow-thru pinout in 10mmx5.5mm 54-pin
leadless WQFN package
• Single supply operation at 2.5V
• >6kV HBM ESD rating
• -10 to 85°C operating temperature range

DESCRIPTION
The DS50PCI402 is a low power, 4 lane bidirectional
buffer/equalizer designed specifically for PCI Express
Gen1 and Gen2 applications. The device performs
both receive equalization and transmit de-emphasis,
allowing maximum flexibility of physical placement
within a system. The receiver is capable of opening
an input eye that is completely closed due to interafter
symbol interference (ISI) induced by the interconnect
medium.
The transmitter de-emphasis level can be set by the
user depending on the distance from the
DS50PCI402 to the PCI Express endpoint. The DS50PCI402 contains PCI Express specific functions
such as Transmit Idle, RX Detection, and Beacon
signal pass through.
The device provides automatic receive detection
circuitry which controls the input termination
impedance. By automatically reflecting the current
load impedance seen on the outputs back to the
corresponding inputs the DS50PCI402 becomes
completely transparent to both the PCIe root complex
and endpoint. An internal rate detection circuit is
included to detect if an incoming data stream is at
Gen2 data rates, and adjusts the de-emphasis on it's
output accordingly. The signal conditioning provided by the device allows systems to upgrade from Gen1
data rates to Gen2 without reducing their physical
reach. This is true for FR4 applications such as
backplanes, as well as cable interconnect.




Similar Part No. - DS50PCI402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI-DS50PCI402 Datasheet
1Mb / 38P
DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
904Kb / 35P
2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
1Mb / 38P
DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI1-DS50PCI402SQ Datasheet
743Kb / 36P
DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Similar Description - DS50PCI402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com