Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS78LS120QML Datasheet (PDF) - Texas Instruments

DS78LS120QML Datasheet PDF - Texas Instruments
Part # DS78LS120QML
Download  DS78LS120QML Download
File Size   587.56 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS78LS120/DS78LS120QML Dual Differential Line Receiver (Noise Filtering and Fail-Safe)

DS78LS120QML Datasheet (PDF)

Go To PDF Page Download Datasheet
DS78LS120QML Datasheet PDF - Texas Instruments

Part # DS78LS120QML
Download  DS78LS120QML Click to download

File Size   587.56 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS78LS120/DS78LS120QML Dual Differential Line Receiver (Noise Filtering and Fail-Safe)

DS78LS120QML Datasheet (HTML) - Texas Instruments


DS78LS120QML Product details

FEATURES
• Meets EIA Standards RS232-C, RS422 and
RS423, Federal Standards 1020, 1030 and MIL-
188-114
• Input Voltage Range of ±15V (Differential or
Common-mode)
• Separate Strobe Input for Each Receiver
• 5k Typical Input Impedance
• Optional 180Ω Termination Resistor
• 50mV Input Hysteresis
• 200mV Input Threshold
• Separate Fail-safe Mode

DESCRIPTION
The DS78LS120QML is a high performance, dual
differential, TTL compatible line receiver for both
balanced and unbalanced digital data transmission.
The inputs are compatible with EIA, Federal and MIL
standards.
The line receiver will discriminate a ±200 mV input
signal over a common-mode range of ±10V and a
±300 mV signal over a range of ±15V.
Circuit features include hysteresis and response
control for applications where controlled rise and fall
times and/or high frequency noise rejection are
desirable. Threshold offset control is provided for fail-
safe detection, should the input be open or short.
Each receiver includes an optional 180Ω terminating
resistor and the output gate contains a logic strobe
for time discrimination. The DS78LS120QML is
specified over a −55°C to +125°C temperature range.
Input specifications meet or exceed those of the
popular DS7820 line receiver.




Similar Part No. - DS78LS120QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
More results


Similar Description - DS78LS120QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
Dual Differential Line Receiver
logo
Texas Instruments
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
Linear Technology
LTC1690 LINER-LTC1690 Datasheet
221Kb / 12P
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
logo
STMicroelectronics
SN75276 STMICROELECTRONICS-SN75276 Datasheet
303Kb / 16P
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
30-Mar-2005
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
logo
Linear Technology
LTC1690 LINER-LTC1690_15 Datasheet
193Kb / 12P
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
Dual Differential Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
DUAL DIFFERENTIAL LINE RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com