Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032B Datasheet (PDF) - Texas Instruments

DS90C032B Datasheet PDF - Texas Instruments
Part # DS90C032B
Download  DS90C032B Download
File Size   653.33 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C032B LVDS Quad CMOS Differential Line Receiver

DS90C032B Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C032B Datasheet PDF - Texas Instruments

Part # DS90C032B
Download  DS90C032B Click to download

File Size   653.33 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C032B LVDS Quad CMOS Differential Line Receiver

DS90C032B Datasheet (HTML) - Texas Instruments


DS90C032B Product details

1FEATURES
2• >155.5 Mbps (77.7 MHz) Switching Rates
• Accepts Small Swing (350 mV) Differential
Signal Levels
• High Impedance LVDS Inputs with Power
Down
• Ultra Low Power Dissipation
• 600 ps Maximum Differential Skew (5V, 25°C)
• 6.0 ns Maximum Propagation Delay
• Industrial Operating Temperature Range
• Available in Surface Mount Packaging (SOIC)
• Pin Compatible with DS26C32A, MB570 (PECL)
and 41LF (PECL)
• Supports OPEN and Terminated Input Failsafe
• Conforms to ANSI/TIA/EIA-644 LVDS Standard

DESCRIPTION
The DS90C032B is a quad CMOS differential line
receiver designed for applications requiring ultra low
power dissipation and high data rates. The device
supports data rates in excess of 155.5 Mbps
(77.7 MHz) and uses Low Voltage Differential
Signaling (LVDS) technology.
The DS90C032B accepts low voltage (350 mV)
differential input signals and translates them to
CMOS (TTL compatible) output levels. The receiver
supports a TRI-STATE function that may be used to
multiplex outputs. The receiver also supports OPEN
Failsafe and terminated (100Ω) input Failsafe with the
addition of external failsafe biasing. Receiver output
will be HIGH for both Failsafe conditions.
The DS90C032B provides power-off high impedance
LVDS inputs. This feature assures minimal loading effect on the LVDS bus lines when VCC is not
present.
The DS90C032B and companion line driver
(DS90C031B) provide a new alternative to high
power pseudo-ECL devices for high-speed point-topoint
interface applications.




Similar Part No. - DS90C032B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
193Kb / 9P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032BTM NSC-DS90C032BTM Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
DS90C032BTM NSC-DS90C032BTM Datasheet
193Kb / 9P
LVDS Quad CMOS Differential Line Receiver
More results


Similar Description - DS90C032B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML Datasheet
325Kb / 18P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
DS90C032TMX TI-DS90C032TMX Datasheet
863Kb / 18P
DS90C032 LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com