Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C187 Datasheet (PDF) - Texas Instruments

DS90C187 Datasheet PDF - Texas Instruments
Part # DS90C187
Download  DS90C187 Download
File Size   614.91 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C187 Low Power, 1.8-V Dual Pixel FPD-Link (LVDS) Serializer

DS90C187 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C187 Datasheet PDF - Texas Instruments

Part # DS90C187
Download  DS90C187 Click to download

File Size   614.91 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C187 Low Power, 1.8-V Dual Pixel FPD-Link (LVDS) Serializer

DS90C187 Datasheet (HTML) - Texas Instruments


DS90C187 Product details

1 Features
1• 100 mW Typical Power Consumption at 185 MHz
(SIDO Mode)
• Drives QXGA and WQXGA Class Displays
• Three Operating Modes:
– Single Pixel In, Single Pixel Out (SISO): 105
MHz Maximum
– Single Pixel In, Dual Pixel Out (SIDO): 185
MHz Maximum
– Dual Pixel In, Dual Pixel Out (DIDO): 105MHz
• Supports 24-Bit RGB, 48-Bit RGB
• Optional low Power Mode Supports 18-Bit RGB,
36-Bit RGB
• Supports 3D+C, 4D+C, 6D+C, 6D+2C, 8D+C, and
8D+2C LVDS Configurations
• Compatible With FPD-Link Deserializers
• Operates Off a Single 1.8-V Supply
• Interfaces Directly With 1.8-V LVCMOS
• Less Than 1 mW Power Consumption in Sleep
Mode
• Spread Spectrum Clock Compatible
• Small 7-mm × 7-mm × 0.9-mm 92-Pin Dual Row
VQFN Package

2 Applications
• Camera Monitor Systems (CMS)
• Automotive Head Units
• Smart Mirrors
• Cluster

3 Description
The DS90C187 is a low power Serializer for portable
battery powered that reduces the size of the RGB
interface between the host GPU and the Display.
The DS90C187 Serializer is designed to support dual
pixel data transmission between a Host and a Flat
Panel Display at resolutions of up to QXGA
(2048x1536) at 60 Hz. The transmitter converts up to
48 bits (Dual Pixel 24-bit color) of 1.8-V LVCMOS
data into two channels of 4 data + clock (4D+C)
reduced width interface LVDS compatible data
streams.
DS90C187 supports 3 modes of operation.
• In single pixel mode in/out mode, the device can
drive up to SXGA+ (1400x1050) at 60 Hz. In this
mode, the device converts one bank of 24-bit
RGB data to a one channel 4D+C LVDS data
stream.
• In single pixel in / dual pixel out mode, the device
can drive up to WUXGA+ (1920x1440) at 60 Hz.
In this configuration, the device provides single-todual
pixel conversion and converts one bank of
24-bit RGB data into two channels of 4D+C LVDS
streams at half the pixel clock rate.
In dual pixel in / dual pixel out mode, the device can
drive up to QXGA 2048x1536 at 60Hz or up to
QSXGA 2560x2048 at 30Hz. In this mode, the device
converts 2 channels of 24 bit RGB data into 2
channels of 4D+C LVDS streams. For all the modes,
the device supports 18bpp and 24bpp color.




Similar Part No. - DS90C187

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI1-DS90C187 Datasheet
945Kb / 28P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187LF-NOPB TI-DS90C187LF-NOPB Datasheet
1Mb / 21P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187LF/NOPB TI1-DS90C187LF/NOPB Datasheet
945Kb / 28P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187LFE-NOPB TI-DS90C187LFE-NOPB Datasheet
1Mb / 21P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
More results


Similar Description - DS90C187

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
DS90C185 TI-DS90C185 Datasheet
371Kb / 19P
Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C185 TI1-DS90C185_13 Datasheet
784Kb / 22P
Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
Dual Pixel LVDS Display Interface / FPD-Link
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
FPD-Link III Serializer
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
MIPI CSI-2 FPD-Link III Serializer
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
DSI to FPD-Link III Bridge Serializer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com