Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8921AM/NOPB.B Datasheet (PDF) - Texas Instruments

DS8921AM/NOPB.B Datasheet PDF - Texas Instruments
Part # DS8921AM/NOPB.B
Download  DS8921AM/NOPB.B Download
File Size   678.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS8921x Differential Line Driver and Receiver Pair

DS8921AM/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DS8921AM/NOPB.B Datasheet PDF - Texas Instruments

Part # DS8921AM/NOPB.B
Download  DS8921AM/NOPB.B Click to download

File Size   678.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS8921x Differential Line Driver and Receiver Pair

DS8921AM/NOPB.B Datasheet (HTML) - Texas Instruments


DS8921AM/NOPB.B Product details

1 Features
1• 12-ns Typical Propagation Delay
• Output Skew: 0.5 ns Typical
• Meets the Requirements of EIA Standard RS-422
• Complementary Driver Outputs
• High Differential or Common-Mode Input Voltage
Ranges of ±7 V
• ±0.2 V Receiver Sensitivity Over the Input Voltage
Range
• Receiver Input Hysteresis: 70 mV Typical
• DS8921AT Industrial Temperature Operation:
(−40°C to +85°C)

2 Applications
• Differential Line Driver and Receiver for:
– ST506 Disk Drive Standard
– ST412 Disk Drive Standard
– ESDI Disk Drive Standard
– RS-422 Interface

3 Description
The DS8921, DS8921A, and DS8921AT devices are
differential line driver and receiver pairs designed specifically for applications meeting the ST506,
ST412, and ESDI disk drive standards. In addition,
these devices meet the requirements of the EIA
standard RS-422.
The DS8921x receivers offer an input sensitivity of
200 mV over a ±7 V common mode operating range.
Hysteresis is incorporated (typically 70 mV) to
improve noise margin for slowly changing input
waveforms.
The DS8921x drivers are designed to provide
unipolar differential drive to twisted-pair or parallel
wire transmission lines. Complementary outputs are
logically ANDed and provide an output skew of 0.5 ns
(typical) with propagation delays of 12 ns.
The DS8921x devices are designed to be compatible
with TTL and CMOS.




Similar Part No. - DS8921AM/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8921AM/NOPB TI-DS8921AM/NOPB Datasheet
938Kb / 15P
DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
DS8921AM/NOPB TI1-DS8921AM/NOPB Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
DS8921AM/NOPB TI1-DS8921AM/NOPB Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
More results


Similar Description - DS8921AM/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com