Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91D180 Datasheet (PDF) - Texas Instruments

DS91D180 Datasheet PDF - Texas Instruments
Part # DS91D180
Download  DS91D180 Download
File Size   672.93 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91D180/DS91C180 100 MHz M-LVDS Line Driver/Receiver Pair

DS91D180 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS91D180 Datasheet PDF - Texas Instruments

Part # DS91D180
Download  DS91D180 Click to download

File Size   672.93 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91D180/DS91C180 100 MHz M-LVDS Line Driver/Receiver Pair

DS91D180 Datasheet (HTML) - Texas Instruments


DS91D180 Product details

1FEATURES
2• DC to 100+ MHz / 200+ Mbps Low Power, Low
EMI Operation
• Optimal for ATCA, uTCA Clock Distribution
Networks
• Meets or Exceeds TIA/EIA-899 M-LVDS
Standard
• Wide Input Common Mode Voltage for
Increased Noise Immunity
• DS91D180 has Type 1 Receiver Input
• DS91C180 has Type 2 Receiver Input for Fail-
Safe Functionality
• Industrial Temperature Range
• Space Saving SOIC-14 Package (JEDEC MS-
012)

DESCRIPTION
The DS91D180 and DS91C180 are 100 MHz M-
LVDS (Multipoint Low Voltage Differential Signaling)
line driver/receiver pairs designed for applications
that utilize multipoint networks (e.g. clock distribution
in ATCA and uTCA based systems). M-LVDS is a
bus interface standard (TIA/EIA-899) optimized for
multidrop networks. Controlled edge rates, tight input
receiver thresholds and increased drive strength are
sone of the key enhancments that make M-LVDS
devices an ideal choice for distributing signals via
multipoint networks.
The DS91D180/DS91C180 driver input accepts
LVTTL/LVCMOS signals and converts them to
differential M-LVDS signal levels. The
DS91D180/DS91C180 receiver accepts low voltage
differential signals (LVDS, B-LVDS, M-LVDS, LVPECL
and CML) and converts them to 3V LVCMOS
signals. The DS91D180 device has a M-LVDS type 1
receiver input with no offset.The DS91C180 device
has a type 2 receiver input which enable failsafe
functionality.




Similar Part No. - DS91D180

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
Multipoint LVDS (M-LVDS) Line Driver/Receiver
DS91D180 NSC-DS91D180 Datasheet
391Kb / 14P
100 MHz M-LVDS Line Driver/Receiver Pair
logo
Texas Instruments
DS91D180 TI1-DS91D180 Datasheet
974Kb / 18P
100 MHz M-LVDS Line Driver/Receiver Pair
logo
National Semiconductor ...
DS91D180TMA NSC-DS91D180TMA Datasheet
607Kb / 13P
Multipoint LVDS (M-LVDS) Line Driver/Receiver
DS91D180TMA NSC-DS91D180TMA Datasheet
391Kb / 14P
100 MHz M-LVDS Line Driver/Receiver Pair
More results


Similar Description - DS91D180

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
Multipoint LVDS (M-LVDS) Line Driver/Receiver
DS90LV049H NSC-DS90LV049H Datasheet
614Kb / 10P
High Temperature 3V LVDS Dual Line Driver and Receiver Pair
DS91C180 NSC-DS91C180_07 Datasheet
391Kb / 14P
100 MHz M-LVDS Line Driver/Receiver Pair
DS91M047 NSC-DS91M047 Datasheet
370Kb / 12P
125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q Datasheet
288Kb / 14P
DS90LV049Q Automotive LVDS Dual Line Driver and Receiver Pair
DS91M047 TI1-DS91M047_14 Datasheet
863Kb / 16P
125 MHz Quad M-LVDS Line Driver
DS90LV049H TI1-DS90LV049H_15 Datasheet
950Kb / 19P
High Temperature 3V LVDS Dual Line Driver and Receiver Pair
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
Automotive LVDS Dual Line Driver and Receiver Pair
DS91C180 TI1-DS91C180_13 Datasheet
974Kb / 18P
100 MHz M-LVDS Line Driver/Receiver Pair
DS91M047 TI1-DS91M047_13 Datasheet
864Kb / 16P
125 MHz Quad M-LVDS Line Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com