Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91M040 Datasheet (PDF) - Texas Instruments

DS91M040 Datasheet PDF - Texas Instruments
Part # DS91M040
Download  DS91M040 Download
File Size   652.35 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91M040 125 MHz Quad M-LVDS Transceiver

DS91M040 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS91M040 Datasheet PDF - Texas Instruments

Part # DS91M040
Download  DS91M040 Click to download

File Size   652.35 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91M040 125 MHz Quad M-LVDS Transceiver

DS91M040 Datasheet (HTML) - Texas Instruments


DS91M040 Product details

1FEATURES
2• DC - 125 MHz / 250 Mbps Low Jitter, Low
Skew, Low Power Operation
• Wide Input Common Mode Voltage Range
Allows up to ±1V of GND Noise
• Conforms to TIA/EIA-899 M-LVDS Standard
• Pin Selectable M-LVDS Receiver Type (1 or 2)
• Controlled Transition Times (2.0 ns typ)
Minimize Reflections multi•
8 kV ESD on M-LVDS I/O pins protects
adjoining components
• Flow-Through Pinout Simplifies PCB Layout
• Small 5 mm x 5 mm WQFN-32 Space Saving
Package

APPLICATIONS
• Multidrop / Multipoint Clock and Data MDistribution
• High-Speed, Low Power, Short-Reach
Alternative to TIA/EIA-485/422
• Clock Distribution in AdvancedTCA (ATCA)
and MicroTCA (μTCA, uTCA) Backplanes

DESCRIPTION
The DS91M040 is a quad M-LVDS transceiver
designed for driving / receiving clock or data signals
to / from up to four multipoint networks.
M-LVDS (Multipoint LVDS) is a new family of bus
interface devices based on LVDS technology specifically designed for multipoint and multidrop
cable and backplane applications. It differs from
standard LVDS in providing increased drive current to
handle double terminations that are required in multi•
point applications. Controlled transition times minimize reflections that are common in multipoint
configurations due to unterminated stubs. M-LVDS
devices also have a very large input common mode
voltage range for additional noise margin in heavily
loaded and noisy backplane environments.
A single DS91M040 channel is a half-duplex
transceiver that accepts LVTTL/LVCMOS signals at
the driver inputs and converts them to differential MDistribution
LVDS signal levels. The receiver inputs accept low voltage differential signals (LVDS, BLVDS, M-LVDS,
LVPECL and CML) and convert them to 3V LVCMOS
signals. The DS91M040 supports both M-LVDS type
1 and type 2 receiver inputs.




Similar Part No. - DS91M040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
DS91M040 TI1-DS91M040 Datasheet
1Mb / 20P
125 MHz Quad M-LVDS Transceiver
logo
National Semiconductor ...
DS91M040TSQ NSC-DS91M040TSQ Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
DS91M040TSQ TI-DS91M040TSQ Datasheet
415Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M040TSQ/NOPB TI1-DS91M040TSQ/NOPB Datasheet
1Mb / 20P
125 MHz Quad M-LVDS Transceiver
More results


Similar Description - DS91M040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M047 NSC-DS91M047 Datasheet
370Kb / 12P
125 MHz Quad M-LVDS Line Driver
logo
Texas Instruments
50171 TI-50171 Datasheet
415Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M047 TI1-DS91M047_14 Datasheet
863Kb / 16P
125 MHz Quad M-LVDS Line Driver
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M040 TI1-DS91M040_16 Datasheet
1Mb / 20P
125 MHz Quad M-LVDS Transceiver
DS91M047 TI1-DS91M047_13 Datasheet
864Kb / 16P
125 MHz Quad M-LVDS Line Driver
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com