Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSD1793DB.B Datasheet (PDF) - Texas Instruments

DSD1793DB.B Datasheet PDF - Texas Instruments
Part # DSD1793DB.B
Download  DSD1793DB.B Download
File Size   637.93 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER

DSD1793DB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DSD1793DB.B Datasheet PDF - Texas Instruments

Part # DSD1793DB.B
Download  DSD1793DB.B Click to download

File Size   637.93 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER

DSD1793DB.B Datasheet (HTML) - Texas Instruments


DSD1793DB.B Product details

FEATURES
Supports Both DSD and PCM Formats
24-Bit Resolution
Analog Performance:
− Dynamic Range: 113 dB
− THD+N: 0.001%
− Full-Scale Output: 2.1 V rms (at
Postamplifier)
Differential Voltage Output: 3.2 V p-p
8× Oversampling Digital Filter:
− Stop-Band Attenuation: –82 dB
− Pass-Band Ripple: ±0.002 dB
Sampling Frequency: 10 kHz to 200 kHz
System Clock: 128, 192, 256, 384, 512, or
768 fS With Autodetect
Accepts 16-, 20-, and 24-Bit Audio Data
PCM Data Formats: Standard, I2S, and
Left-Justified
DSD Format Interface Available
Optional Interface to External Digital Filter or
DSP Available
I2C-Compatible Serial Port
User-Programmable Mode Controls:
− Digital Attenuation: 0 dB to –120 dB,
0.5 dB/Step
− Digital De-Emphasis
− Digital Filter Rolloff: Sharp or Slow
− Soft Mute
− Zero Flags for Each Output in PCM and
DSD Formats
Dual Supply Operation:
− 5-V Analog, 3.3-V Digital
5-V Tolerant Digital Inputs
Small 28-Lead SSOP Package

APPLICATIONS
A/V Receivers
SACD Players
DVD Players
HDTV Receivers
Car Audio Systems
Digital Multitrack Recorders
Other Applications Requiring 24-Bit Audio

DESCRIPTION
The DSD1793 is a monolithic CMOS integrated circuit that
includes stereo digital-to-analog converters and support
circuitry in a small 28-lead SSOP package. The data
converters use TI’s advanced-segment DAC architecture
to achieve excellent dynamic performance and improved
tolerance to clock jitter. The DSD1793 provides balanced
voltage outputs, allowing the user to optimize analog
performance externally. The DSD1793 accepts the PCM
and DSD audio data formats, providing easy interfacing to
audio DSP and decoder chips. The DSD1793 also accepts
interfaces to external digital filter devices (DF1704,
DF1706, PMD200). Sampling rates up to 200 kHz are
supported. A full set of user-programmable functions is
accessible through an I2C-compatible serial control port.




Similar Part No. - DSD1793DB.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSD1793DB BURR-BROWN-DSD1793DB Datasheet
428Kb / 47P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793DB TI1-DSD1793DB Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1793DBG4 TI1-DSD1793DBG4 Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1793DBR BURR-BROWN-DSD1793DBR Datasheet
428Kb / 47P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793DBR TI1-DSD1793DBR Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Similar Description - DSD1793DB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com