Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD75323 Datasheet (PDF) - Texas Instruments

GD75323 Datasheet PDF - Texas Instruments
Part # GD75323
Download  GD75323 Download
File Size   603.99 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPLE RS-232 DRIVERS AND RECEIVERS

GD75323 Datasheet (PDF)

Go To PDF Page Download Datasheet
GD75323 Datasheet PDF - Texas Instruments

Part # GD75323
Download  GD75323 Click to download

File Size   603.99 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPLE RS-232 DRIVERS AND RECEIVERS

GD75323 Datasheet (HTML) - Texas Instruments


GD75323 Product details

Single Chip With Easy Interface Between
UART and Serial-Port Connector of an
External Modem or Other Computer
Peripheral
Five Drivers and Three Receivers Meet or
Exceed the Requirements of ANSI Standard
TIA/EIA-232-F and ITU Recommendation
V.28 Standards
Supports Data Rates up to 120 kbit/s
Complement to the GD75232
Provides Pin-to-Pin Replacement for the
Goldstar GD75323
Pin-Out Compatible With SN75196
Functional Replacement for the MC145405

description
The GD75323 combines five drivers and three receivers from the trade-standard SN75188 and SN75189
bipolar quadruple drivers and receivers, respectively. The flow-through design of the GD75323 decreases the
part count, reduces the board space required, and allows easy interconnection of the UART and serial-port
connector. The all-bipolar circuits and processing of the GD75323 provide a rugged, low-cost solution for this
function.
The GD75323 complies with the requirements of the ANSI TIA/EIA-232-F and ITU (formerly CCITT) V.28
standards. These standards are for data interchange between a host computer and a peripheral at signal rates
up to 20 kbit/s. The switching speeds of the GD75323 are fast enough to support rates up to 120 kbit/s with lower
capacitive loads (shorter cables). Interoperability at the higher signaling rates cannot be assured unless the
designer has design control of the cable and the interface circuits at both ends. For interoperability at signaling
rates up to 120 kbit/s, use of ANSI Standard TIA/EIA-423-B and TIA/EIA-422-B and ITU Recommendations V.10
and V.11 are recommended.
The GD75323 is characterized for operation over a temperature range of 0°C to 70°C.




Similar Part No. - GD75323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323 TI1-GD75323 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DW TI-GD75323DW Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DW TI1-GD75323DW Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DWG4 TI1-GD75323DWG4 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Similar Description - GD75323

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com