Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA156 Datasheet (PDF) - Texas Instruments

INA156 Datasheet PDF - Texas Instruments
Part # INA156
Download  INA156 Download
File Size   200.48 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER

INA156 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA156 Datasheet PDF - Texas Instruments

Part # INA156
Download  INA156 Click to download

File Size   200.48 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER

INA156 Datasheet (HTML) - Texas Instruments


INA156 Product details

FEATURES
RAIL-TO-RAIL OUTPUT SWING: Within 20mV
LOW OFFSET DRIFT: ±5mV/°C
INTERNAL FIXED GAIN = 10V/V OR 50V/V
SPECIFIED TEMPERATURE RANGE:
–55°C to +125°C
LOW INPUT BIAS CURRENT: 1pA
WIDE BANDWIDTH: 550kHz in G = 10
HIGH SLEW RATE: 6.5V/ms
LOW COST
TINY MSOP-8 PACKAGES

APPLICATIONS
INDUSTRIAL SENSOR AMPLIFIERS:
Bridge, RTD, Thermocouple, Flow, Position
MEDICAL EQUIPMENT:
ECG, EEG, EMG Amplifiers
DRIVING A/D CONVERTERS
PCMCIA CARDS
AUDIO PROCESSING
COMMUNICATIONS
TEST EQUIPMENT
LOW COST AUTOMOTIVE INSTRUMENTATION

DESCRIPTION
The INA156 is a low-cost CMOS instrumentation
amplifier with rail-to-rail output swing optimized for
low-voltage, single-supply operation.
Wide bandwidth (550kHz in G = 10) and high slew
rate (6.5V/ms) make the INA156 suitable for driving
sampling A/D converters as well as general purpose
and audio applications. Fast settling time allows use
with higher speed sensors and transducers, and rapid
scanning data acquisition systems.
Gain can be set to 10V/V or 50V/V by pin strapping.
Gains between these two values can be obtained with
the addition of a single resistor. The INA156 is fully
specified over the supply range of +2.7V to +5.5V.
The INA156 is available in an MSOP-8 surface-mount
package specified for operation over the temperature
range –55°C to 125°C.




Similar Part No. - INA156

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA156 TI1-INA156 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA156A BURR-BROWN-INA156A Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156E BURR-BROWN-INA156E Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA156EA/250 TI1-INA156EA/250 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA156

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 TI1-INA155 Datasheet
720Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com