Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148QDRQ1.B Datasheet (PDF) - Texas Instruments

INA148QDRQ1.B Datasheet PDF - Texas Instruments
Part # INA148QDRQ1.B
Download  INA148QDRQ1.B Download
File Size   633.25 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier

INA148QDRQ1.B Datasheet (PDF)

Go To PDF Page Download Datasheet
INA148QDRQ1.B Datasheet PDF - Texas Instruments

Part # INA148QDRQ1.B
Download  INA148QDRQ1.B Click to download

File Size   633.25 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA148-Q1 ±200-V Common-Mode Voltage Difference Amplifier

INA148QDRQ1.B Datasheet (HTML) - Texas Instruments


INA148QDRQ1.B Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 1C
– Device CDM ESD Classification Level C6
– Device MM ESD Classification Level M2
• High Common-Mode Voltage
– 75 V at VS = 5 V
– ±200 V at VS = ±15 V
• Fixed Differential Gain = 1 V/V
• Low Quiescent Current: 260 μA
• Wide Supply Range
– Single Supply: 2.7 V to 36 V
– Dual Supplies: ±1.35 V to ±18 V
• Low Gain Error: 0.075% (Maximum)
• Low Nonlinearity: 0.002% (Maximum)
• High CMR: 86 dB
• Surface-Mount 8-pin SOIC Package

2 Applications
• HEV/EV and Powertrain
• HEV Battery Management
• Automotive Instrumentation
• Current-Shunt Measurements
• Differential Sensor Amplifiers
• Line Receivers
• Battery-Powered Systems
• Stacked-Cell Monitors

3 Description
The INA148-Q1 is a precision, low-power, unity-gain
difference amplifier with a high common-mode input
voltage range. The device consists of a monolithic,
precision, bipolar operational amplifier with a thin-film
resistor network.
The on-chip resistors are laser trimmed for an
accurate 1-V/V differential gain and high commonmode
rejection. Excellent temperature tracking of the
resistor network maintains high gain accuracy and
common-mode rejection over temperature. The
INA148-Q1 operates on single or dual supplies.
These features make the INA148-Q1 suitable for
HEV/EV and Powertrain applications, specifically in
battery management systems.
The INA148-Q1 is available in an 8-pin SOIC,
surface-mount package, and is specified for operation
over the temperature range of –40°C to 125°C.




Similar Part No. - INA148QDRQ1.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA148QDRQ1 TI1-INA148QDRQ1 Datasheet
2Mb / 20P
짹200-V COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
More results


Similar Description - INA148QDRQ1.B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA148-Q1 TI1-INA148-Q1 Datasheet
2Mb / 20P
짹200-V COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
Common Mode Voltage Difference Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com