Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA157 Datasheet (PDF) - Texas Instruments

INA157 Datasheet PDF - Texas Instruments
Part # INA157
Download  INA157 Download
File Size   219.38 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed, Precision DIFFERENCE AMPLIFIER

INA157 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA157 Datasheet PDF - Texas Instruments

Part # INA157
Download  INA157 Click to download

File Size   219.38 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed, Precision DIFFERENCE AMPLIFIER

INA157 Datasheet (HTML) - Texas Instruments


INA157 Product details

FEATURES
DESIGNED FOR LOW COST
LOW OFFSET VOLTAGE: ±500mV max
LOW OFFSET DRIFT: ±2mV/°C
LOW GAIN ERROR: ±0.05% max
WIDE BANDWIDTH: 3MHz
HIGH SLEW RATE: 14V/ms
FAST SETTLING TIME: 3ms to 0.01%
WIDE SUPPLY RANGE: ±4V to ±18V
LOW QUIESCENT CURRENT: 2.4mA
SO-8 SURFACE-MOUNT PACKAGE

APPLICATIONS
DIFFERENTIAL INPUT AMPLIFIER
INSTRUMENTATION AMPLIFIER
BUILDING BLOCK
G = 1/2 AMPLIFIER
G = 2 AMPLIFIER
DIFFERENTIAL CURRENT RECEIVER
VOLTAGE-CONTROLLED CURRENT SOURCE
GROUND LOOP ELIMINATOR
CURRENT SHUNT MONITOR

DESCRIPTION
The INA157 is a high slew rate, G = 1/2 or G = 2
difference amplifier consisting of a precision op amp
with a precision resistor network. The on-chip resistors
are laser trimmed for accurate gain and high
common-mode rejection. Excellent TCR tracking of
the resistors maintains gain accuracy and commonmode
rejection over temperature. The input commonmode
voltage range extends beyond the positive and
negative supply rails. It operates on ±4V to ±18V
supplies.
The difference amplifier is the foundation of many
commonly used circuits. The INA157 provides this
circuit function without using an expensive precision
resistor network. The INA157 is available in a SO-8
surface-mount package and is specified for operation
over the extended industrial temperature range, –40°C
to +85°C.




Similar Part No. - INA157

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA157U BURR-BROWN-INA157U Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157U TI1-INA157U Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
More results


Similar Description - INA157

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
High Voltage, Precision Difference Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com