Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159 Datasheet (PDF) - Texas Instruments

INA159 Datasheet PDF - Texas Instruments
Part # INA159
Download  INA159 Download
File Size   449.34 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER

INA159 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA159 Datasheet PDF - Texas Instruments

Part # INA159
Download  INA159 Click to download

File Size   449.34 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER

INA159 Datasheet (HTML) - Texas Instruments


INA159 Product details

FEATURES
GAIN OF 0.2 TO INTERFACE ±10V SIGNALS
TO SINGLE-SUPPLY ADCs
GAIN ACCURACY: ±0.024% (max)
WIDE BANDWIDTH: 1.5MHz
HIGH SLEW RATE: 15V/μs
LOW OFFSET VOLTAGE: ±100μV
LOW OFFSET DRIFT: ±1.5μV/°C
SINGLE-SUPPLY OPERATION DOWN TO 1.8V

APPLICATIONS
INDUSTRIAL PROCESS CONTROLS
INSTRUMENTATION
DIFFERENTIAL TO SINGLE-ENDED
CONVERSION
AUDIO LINE RECEIVERS

DESCRIPTION
The INA159 is a high slew rate, G = 1/5 difference amplifier
consisting of a precision op amp with a precision resistor
network. The gain of 1/5 makes the INA159 useful to
couple ±10V signals to single-supply analog-to-digital
converters (ADCs), particularly those operating on a single
+5V supply. The on-chip resistors are laser-trimmed for
accurate gain and high common-mode rejection. Excellent
temperature coefficient of resistance (TCR) tracking of the
resistors maintains gain accuracy and common-mode
rejection over temperature. The input common-mode
voltage range extends beyond the positive and negative
supply rails. It operates on a total of +1.8V to +5.5V single
or split supplies. The INA159 reference input uses two
resistors for easy mid-supply or reference biasing.
The difference amplifier is the foundation of many
commonly-used circuits. The INA159 provides this circuit
function without using an expensive external precision
resistor network. The INA159 is available in an MSOP-8
surface-mount package and is specified for operation over
the extended industrial temperature range, −40°C to
+125°C.




Similar Part No. - INA159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA159 TI-INA159 Datasheet
246Kb / 14P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159 TI1-INA159 Datasheet
605Kb / 17P
Precision, Gain of 0.2 Level Translation
INA159 TI1-INA159 Datasheet
640Kb / 18P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159 TI-INA159 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA159 TI-INA159 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results


Similar Description - INA159

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
Programmable Gain DIFFERENCE AMPLIFIER
logo
National Semiconductor ...
LMP8270 NSC-LMP8270 Datasheet
458Kb / 5P
High Common Mode, Gain of 20, Precision Voltage Difference Amplifiers
logo
Texas Instruments
INA159 TI-INA159 Datasheet
246Kb / 14P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
Precision, Gain of 0.2 Level Translation
INA145 TI1-INA145 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
logo
Analog Devices
LT1997-1 AD-LT1997-1 Datasheet
1Mb / 30P
Precision, High Voltage, Gain Selectable Difference/Current Sense Amplifier
AD8271 AD-AD8271 Datasheet
381Kb / 20P
Programmable Gain Precision Difference Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com