Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA163 Datasheet (PDF) - Texas Instruments

INA163 Datasheet PDF - Texas Instruments
Part # INA163
Download  INA163 Download
File Size   473.13 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER

INA163 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA163 Datasheet PDF - Texas Instruments

Part # INA163
Download  INA163 Click to download

File Size   473.13 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER

INA163 Datasheet (HTML) - Texas Instruments


INA163 Product details

FEATURES
LOW NOISE: 1nV/√Hz at 1kHz
LOW THD+N: 0.002% at 1kHz, G = 100
WIDE BANDWIDTH: 800kHz at G = 100
WIDE SUPPLY RANGE: ±4.5V to ±18V
HIGH CMR: > 100dB
GAIN SET WITH EXTERNAL RESISTOR
SO-14 SURFACE-MOUNT PACKAGE

APPLICATIONS
PROFESSIONAL MICROPHONE PREAMPS
MOVING-COIL TRANSDUCER AMPLIFIERS
DIFFERENTIAL RECEIVERS
BRIDGE TRANSDUCER AMPLIFIERS

DESCRIPTION
The INA163 is a very low-noise, low-distortion, monolithic
instrumentation amplifier. Its current-feedback
circuitry achieves very wide bandwidth and excellent
dynamic response over a wide range of gain. It is ideal
for low-level audio signals such as balanced lowimpedance
microphones. Many industrial, instrumentation,
and medical applications also benefit from its
low noise and wide bandwidth.
Unique distortion cancellation circuitry reduces distortion
to extremely low levels, even in high gain. The
INA163 provides near-theoretical noise performance
for 200Ω source impedance. Its differential input, low
noise, and low distortion provide superior performance
in professional microphone amplifier applications.
The INA163’s wide supply voltage, excellent output
voltage swing, and high output current drive allow its
use in high-level audio stages as well.
The INA163 is available in a space-saving SO-14
surface-mount package, specified for operation over
the –40°C to +85°C temperature range.




Similar Part No. - INA163

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA163UA BURR-BROWN-INA163UA Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA163UA BURR-BROWN-INA163UA Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA163UA/2K5 BURR-BROWN-INA163UA/2K5 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA163UA/2K5 BURR-BROWN-INA163UA/2K5 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA163

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166_06 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_07 Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com