Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA317 Datasheet (PDF) - Texas Instruments

INA317 Datasheet PDF - Texas Instruments
Part # INA317
Download  INA317 Download
File Size   694.26 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier

INA317 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA317 Datasheet PDF - Texas Instruments

Part # INA317
Download  INA317 Click to download

File Size   694.26 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier

INA317 Datasheet (HTML) - Texas Instruments


INA317 Product details

1 Features
• Low Offset Voltage: 75 μV (Maximum), G ≥ 100
• Low Drift: 0.3 μV/°C, G ≥ 100
• Low Noise: 50 nV/√Hz, G ≥ 100
• High CMRR: 100 dB (Minimum), G ≥ 10
• Low Input Bias Current: 200 pA (Maximum)
• Supply Range: 1.8 V to 5.5 V
• Input Voltage: (V–) 0.1 V to (V+) –0.1 V
• Output Range: (V–) 0.05 V to (V+) –0.05 V
• Low Quiescent Current: 50 μA
• Operating Temperature: –40°C to +125°C
• RFI Filtered Inputs
• 8-Pin VSSOP Package

2 Applications
• Bridge Amplifiers
• ECG Amplifiers
• Pressure Sensors
• Medical Instrumentation
• Portable Instrumentation
• Weigh Scales
• Thermocouple Amplifiers
• RTD Sensor Amplifiers
• Data Acquisition

3 Description
The INA317 is a low-power, precision instrumentation
amplifier offering excellent accuracy. The versatile 3-
operational amplifier design, small size and low
power make the INA317 usable in a wide range of
portable applications.
A single external resistor sets any gain from 1 to
1000, as defined by the industry-standard gain
equation: G = 1 + (100 kΩ / RG).
The instrumentation amplifier provides low offset
voltage (75 μV, G ≥ 100), excellent offset voltage drift
(0.3 μV/°C, G ≥ 100) and high common-mode
rejection (100 dB at G ≥ 10). The INA317 operates
with power supplies as low as 1.8 V (±0.9 V) and a
quiescent current of 50 μA, making the device usable
in battery-operated systems. Using autocalibration
techniques to ensure precision over the extended
industrial temperature range, the INA317 device
offers low noise density (50 nV/√Hz) that extends
down to DC.
The INA317 is available in an 8-pin VSSOP surfacemount
package and is specified over the TA = –40°C
to +125°C temperature range.




Similar Part No. - INA317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA317 TI1-INA317 Datasheet
561Kb / 31P
Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
INA317IDGKR TI1-INA317IDGKR Datasheet
561Kb / 31P
Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
INA317IDGKT TI1-INA317IDGKT Datasheet
561Kb / 31P
Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
More results


Similar Description - INA317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333 Datasheet
651Kb / 23P
Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_1 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_2 Datasheet
875Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_3 Datasheet
762Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_15 Datasheet
827Kb / 27P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com