Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333-HT Datasheet (PDF) - Texas Instruments

INA333-HT Datasheet PDF - Texas Instruments
Part # INA333-HT
Download  INA333-HT Download
File Size   581.34 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier

INA333-HT Datasheet (PDF)

Go To PDF Page Download Datasheet
INA333-HT Datasheet PDF - Texas Instruments

Part # INA333-HT
Download  INA333-HT Click to download

File Size   581.34 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier

INA333-HT Datasheet (HTML) - Texas Instruments


INA333-HT Product details

FEATURES
• Low Offset Voltage: 25 μV (max at 25°C),
G ≥ 100
• Low Drift: 0.2 μV/°C, G ≥ 1000
• Low Noise: 55 nV/√Hz, G ≥ 100
• High CMRR: 100 dB (min at 25°C), G ≥ 10
• Supply Range: +1.8 V to +5.5 V
• Input Voltage: (V–) +0.1 V to (V+) –0.1 V
• Output Range: (V–) +0.05 V to (V+) –0.05V
• Low Quiescent Current: 198 μA
• RFI Filtered Inputs

APPLICATIONS
• Down-Hole Drilling
• High Temperature Environments

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Extreme (–55°C/210°C)
Temperature Range (1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments' high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended temperatures.

DESCRIPTION
The INA333 is a low-power, precision instrumentation amplifier offering excellent accuracy. The versatile 3-op
amp design, small size, and low power make it ideal for a wide range of portable applications.
A single external resistor sets any gain from 1 to 1000. The INA333 is designed to use an industry-standard gain
equation: G = 1 + (100kΩ/RG).
The INA333 provides very low offset voltage (25 μV at 25°C, G ≥ 100), excellent offset voltage drift (0.2 μV/°C,
G ≥ 100), and high common-mode rejection (100 dB at 25°C, G ≥ 10). It operates with power supplies as low as
1.8 V (±0.9V), and quiescent current is only 50 μA—ideal for battery-operated systems. Using autocalibration
techniques to ensure excellent precision over the extended industrial temperature range, the INA333 also offers
exceptionally low noise density (55 nV/√Hz) that extends down to dc.
The INA333 is is specified over the TA = –55°C to +210°C temperature range.




Similar Part No. - INA333-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
More results


Similar Description - INA333-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333 Datasheet
651Kb / 23P
Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_1 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_2 Datasheet
875Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_3 Datasheet
762Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_15 Datasheet
827Kb / 27P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com