Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA901-SP Datasheet (PDF) - Texas Instruments

INA901-SP Datasheet PDF - Texas Instruments
Part # INA901-SP
Download  INA901-SP Download
File Size   538.7 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA901-SP Radiation Hardened, –15-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor

INA901-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
INA901-SP Datasheet PDF - Texas Instruments

Part # INA901-SP
Download  INA901-SP Click to download

File Size   538.7 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA901-SP Radiation Hardened, –15-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor

INA901-SP Datasheet (HTML) - Texas Instruments


INA901-SP Product details

1 Features
1• 5962-1821001
– Radiation Hardness Assured (RHA)
50 krad(Si) at Low Dose Rate
– Single Event Latch-up (SEL)
Immune to 75 MeV-cm2/mg at 125 °C
– See Radiation Reports
– Qualified Over the Military
Temperature Range (–55 °C to 125 °C)
– High-Performance 8-Pin
Ceramic Flat Pack Package (HKX)
• Wide Common-Mode Range: –15 V to 65 V
• CMRR: 120 dB
• Accuracy:
– ±0.5-mV Offset
– ±0.2% Gain Error
– 2.5-μV/°C Offset Drift
– 50-ppm/°C Gain Drift
• Bandwidth: Up to 130 kHz
• Gain: 20 V/V
• Quiescent Current: 700 μA
• Power Supply: 2.7 V to 16 V
• Provision for Filtering

2 Applications
• Power Supervision
• Overcurrent and Undercurrent Detection
• Satellites Telemetry
• Space Signal Conditioning
• Motor Control Loops

3 Description
The INA901-SP is a voltage-output, current-sense
amplifier that can sense drops across shunt resistors
at common-mode voltages from –15 V to 65 V,
independent of the supply voltage. The INA901-SP
operates from a single 2.7-V to 16-V supply, drawing
700 μA (typical) of supply current.
The gain of the INA901-SP is 20 V/V. The 130-kHz
bandwidth simplifies use in current-control loops. The
pinouts readily enable filtering.
The device is specified over the extended operating
temperature range of –55 °C to 125 °C and is offered
in an 8-pin CFP package.




Similar Part No. - INA901-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA901-SP TI-INA901-SP Datasheet
498Kb / 25P
INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
More results


Similar Description - INA901-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
INA195 TI-INA195_15 Datasheet
1Mb / 33P
INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA901-SP TI-INA901-SP Datasheet
498Kb / 25P
INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com