Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA337 Datasheet (PDF) - Texas Instruments

INA337 Datasheet PDF - Texas Instruments
Part # INA337
Download  INA337 Download
File Size   343.87 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER

INA337 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA337 Datasheet PDF - Texas Instruments

Part # INA337
Download  INA337 Click to download

File Size   343.87 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER

INA337 Datasheet (HTML) - Texas Instruments


INA337 Product details

FEATURES
PRECISION
LOW OFFSET: 100μV (max)
LOW OFFSET DRIFT: 0.4μV/°C (max)
EXCELLENT LONG-TERM STABILITY
VERY-LOW 1/f NOISE
SMALL SIZE
microPACKAGE: MSOP-8, MSOP-10
LOW COST

APPLICATIONS
LOW-LEVEL TRANSDUCER AMPLIFIER FOR
BRIDGES, LOAD CELLS, THERMOCOUPLES
WIDE DYNAMIC RANGE SENSOR
MEASUREMENTS
HIGH-RESOLUTION TEST SYSTEMS
WEIGH SCALES
MULTI-CHANNEL DATA ACQUISITION
SYSTEMS
MEDICAL INSTRUMENTATION
AUTOMOTIVE APPLICATIONS
GENERAL-PURPOSE

DESCRIPTION
The INA337 and INA338 (with shutdown) are high temperature,
high-performance, low-cost, precision instrumentation
amplifiers. They are true single-supply instrumentation amplifiers
with very-low DC errors and input common-mode ranges
that extends beyond the positive and approaches the negative
rail. These features make them suitable for applications
ranging from general-purpose to high-accuracy.
Excellent long-term stability and very low 1/f noise assure
low offset voltage and drift throughout the life of the product.
The INA337 (without shutdown) comes in the MSOP-8 package.
The INA338 (with shutdown) is offered in MSOP-10.
Both are specified over the temperature range, –40°C to
+125°C.




Similar Part No. - INA337

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA337 TI-INA337 Datasheet
280Kb / 14P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337 Datasheet
830Kb / 19P
INSTRUMENTATION AMPLIFIER
INA337 TI2-INA337 Datasheet
885Kb / 28P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
REVISED NOVEMBER 2004
INA337AIDGKR TI-INA337AIDGKR Datasheet
280Kb / 14P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
INA337AIDGKR TI1-INA337AIDGKR Datasheet
830Kb / 19P
INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA337

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA337 TI-INA337 Datasheet
280Kb / 14P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com