Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MGBCR4 Datasheet (PDF) - TT Electronics.

OVS5MGBCR4 Datasheet PDF - TT Electronics.
Part # OVS5MGBCR4
Download  OVS5MGBCR4 Download
File Size   702.85 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Mini Half-Watt SMD 3.5mm (120° Viewing Angle)

OVS5MGBCR4 Datasheet (PDF)

Go To PDF Page Download Datasheet
OVS5MGBCR4 Datasheet PDF - TT Electronics.

Part # OVS5MGBCR4
Download  OVS5MGBCR4 Click to download

File Size   702.85 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Mini Half-Watt SMD 3.5mm (120° Viewing Angle)

OVS5MGBCR4 Datasheet (HTML) - TT Electronics.


OVS5MGBCR4 Product details

Description:
The mini-half watt is an energy-efficient packaged LED source that offers high luminance, and a long operating lifespan. This
device offers a 120° viewing angle and an ultra-low profile (1.2 mm) making it highly suitable for conventional lighting and
specialized applications.
Applications:
• Automotive exterior and interior lighting
• Architectural indoor and outdoor lighting
• General lighting
• Display Backlighting
• Electronic signs and signals
Features:
• Compact Package Outline of 3.5 x 3.5 x 1.2 mm
• Robust energy-efficient design with long operating life
• Low thermal resistance
• Exceptional spatial uniformity
• Compatible to IR reflow soldering
• High Lumens output




Similar Part No. - OVS5MGBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5MGBCR4 OPTEK-OVS5MGBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MGBCR4 TTELEC-OVS5MGBCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
OVS5MGBCR4 TTELEC-OVS5MGBCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MGBCR4 TTELEC-OVS5MGBCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MGBCR4 TTELEC-OVS5MGBCR4 Datasheet
1,020Kb / 8P
Robust energy-efficient design with long operating life
More results


Similar Description - OVS5MGBCR4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
Half Watt Zeners
logo
OPTEK Technologies
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVS5R4CR44 OPTEK-OVS5R4CR44 Datasheet
522Kb / 7P
5-Watt SMD 6x6mm 40째 Viewing Angle
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
logo
List of Unclassifed Man...
OVSRRGBCC3 ETC2-OVSRRGBCC3 Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
10-Watt Lednium SMD (120째 Viewing Angle)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com