Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DAA013 Datasheet (PDF) - Cypress Semiconductor

S29GL01GS10DAA013 Datasheet PDF - Cypress Semiconductor
Part # S29GL01GS10DAA013
Download  S29GL01GS10DAA013 Download
File Size   1544.18 Kbytes
Page   108 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory

S29GL01GS10DAA013 Datasheet (PDF)

Go To PDF Page Download Datasheet
S29GL01GS10DAA013 Datasheet PDF - Cypress Semiconductor

Part # S29GL01GS10DAA013
Download  S29GL01GS10DAA013 Click to download

File Size   1544.18 Kbytes
Page   108 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory

S29GL01GS10DAA013 Datasheet (HTML) - Cypress Semiconductor


S29GL01GS10DAA013 Product details

General Description
The Cypress® S29GL01G/512/256/128S are MirrorBit® Eclipse flash products fabricated on 65 nm process technology. These
devices offer a fast page access time as fast as 15 ns with a corresponding random access time as fast as 90 ns. They feature a
Write Buffer that allows a maximum of 256 words/512 bytes to be programmed in one operation, resulting in faster effective
programming time than standard programming algorithms. This makes these devices ideal for today’s embedded applications that
require higher density, better performance and lower power consumption.




Similar Part No. - S29GL01GS10DAA013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS10DFI020 SPANSION-S29GL01GS10DFI020 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10DFIV010 SPANSION-S29GL01GS10DFIV010 Datasheet
2Mb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS10DFIV013 SPANSION-S29GL01GS10DFIV013 Datasheet
2Mb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS10DFIV020 SPANSION-S29GL01GS10DFIV020 Datasheet
2Mb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS10DFIV023 SPANSION-S29GL01GS10DFIV023 Datasheet
2Mb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
More results


Similar Description - S29GL01GS10DAA013

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com