Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC138B Datasheet (PDF) - STMicroelectronics

74AC138B Datasheet PDF - STMicroelectronics
Part # 74AC138B
Download  74AC138B Download
File Size   275.89 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 TO 8 LINE DECODER INVERTING

74AC138B Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC138B Datasheet PDF - STMicroelectronics

Part # 74AC138B
Download  74AC138B Click to download

File Size   275.89 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 TO 8 LINE DECODER INVERTING

74AC138B Datasheet (HTML) - STMicroelectronics


74AC138B Product details

DESCRIPTION
The 74AC138 is an advanced high-speed CMOS 3 TO 8 LINE DECODER (INVERTING) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.

■ HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
   ICC = 4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
   VNIH = VNIL = 28 % VCC (MIN.)
■ 50Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS:
   tPLH = tPHL
■ OPERATING VOLTAGE RANGE:
   VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 138
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74AC138B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138B STMICROELECTRONICS-74AC138B Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Apr-2001
More results


Similar Description - 74AC138B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
3 TO 8 LINE DECODER INVERTING
Feb-1993
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
April 2001
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
29-Jul-2004
74VHC138 STMICROELECTRONICS-74VHC138_04 Datasheet
319Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
12-Nov-2004
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
16-Dec-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com