Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1105 Datasheet (PDF) - Sealevel Systems, Inc.

1105 Datasheet PDF - Sealevel Systems, Inc.
Part # 1105
Download  1105 Download
File Size   712.22 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description RS-232 to RS-422, RS-485 Isolated DIN Rail Mount Serial Interface Converter

1105 Datasheet (PDF)

Go To PDF Page Download Datasheet
1105 Datasheet PDF - Sealevel Systems, Inc.

Part # 1105
Download  1105 Click to download

File Size   712.22 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description RS-232 to RS-422, RS-485 Isolated DIN Rail Mount Serial Interface Converter

1105 Datasheet (HTML) - Sealevel Systems, Inc.


1105 Product details

Features
• DIN rail mount design
• Configurable for RS-422 or RS-485
• Optical isolation provides protection against transients and ground
loops
• Data rates to 115.2K bps
• Automatic RS-485 enable/disable
• Easily accessible terminal block connections
• DIN rail mountable DC power supply available (Item # PS101 @ 24V or
PS102 @ 12V)




Similar Part No. - 1105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1105 ETC-1105 Datasheet
3Mb / 32P
TORQUE PRODUCTS
1105 ETC-1105 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Bondhus Corporation.
1105 BONDHUS-1105 Datasheet
352Kb / 2P
HandyHex™ Adjustable Handle
logo
Antex (Electronics) Lim...
1105 ANTEX-1105 Datasheet
194Kb / 1P
POWER SUPPLY UNITS BENCH STAND SOLDERING BITS
logo
Walther-Werke
1105 WALTHER-1105 Datasheet
958Kb / 2P
Sockets IP 44
More results


Similar Description - 1105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
ORing Industrial Networ...
ISC-1112 ORING-ISC-1112 Datasheet
719Kb / 3P
Industrial RS-232 to RS-422/485 Serial Media Converter
logo
Advantech Co., Ltd.
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
BB-485CON ADVANTECH-BB-485CON Datasheet
488Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485COSR ADVANTECH-BB-485COSR Datasheet
470Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com