Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H27UCG8T2ATR Datasheet (PDF) - Hynix Semiconductor

H27UCG8T2ATR Datasheet PDF - Hynix Semiconductor
Part # H27UCG8T2ATR
Download  H27UCG8T2ATR Download
File Size   3194.18 Kbytes
Page   56 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 64Gb(8192M x 8bit) Legacy MLC NAND Flash

H27UCG8T2ATR Datasheet (PDF)

Go To PDF Page Download Datasheet
H27UCG8T2ATR Datasheet PDF - Hynix Semiconductor

Part # H27UCG8T2ATR
Download  H27UCG8T2ATR Click to download

File Size   3194.18 Kbytes
Page   56 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 64Gb(8192M x 8bit) Legacy MLC NAND Flash

H27UCG8T2ATR Datasheet (HTML) - Hynix Semiconductor


H27UCG8T2ATR Product details

Product Feature
■ Multi Level Cell (MLC) Technology
■ Power Supply Voltage
- VCC / VCCq= 2.7V ~ 3.6V
■ Organization
- Page Size : 8192 + 640(Spare) bytes
- Block Size : 2M + 160K bytes, 256pages
- Plane Size : 2048 + 42(Extended) blocks
- Device Size : 4096 + 84(Extended) blocks
■ Page Read Time
- Random Read Time (tR) : 60/80us(Typ./Max)
- Sequential Access (tRC/tWC) : 16ns(Min.)
■ Page Write Time
- Page Program Time : 1500(Typ.)
■ Block Erase Time
- Block Erase Time : 5.0ms(Typ.)
■ Hardware Data Protection
- Program/Erase locked during power transitions
■ Package
- Package type : TSOP
- Chip count : SDP
- Pin count : 48
- Size : 12mm x 20mm x 1.2mm
■ Electronic Signature
- 1
st cycle : Manufacturer code
- 2
nd cycle : Device code
- 3
rd cycle : Internal chip number, Cell type,
Number of simultaneously programmed pages
- 4
th cycle : Page size, Block size, Organization,
Spare size
- 5
th cycle : Multi-plane information
- 6
th cycle : Technology, EDO, Interface
■ Reliability
- TBD




Similar Part No. - H27UCG8T2ATR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H27UCG8T2A HYNIX-H27UCG8T2A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results


Similar Description - H27UCG8T2ATR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5832DC TOSHIBA-TC5832DC Datasheet
1Mb / 38P
32 MBIT (4M x 8BIT) CMOS NAND E2PROM
12-Aug-1997
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
TH58V128FT TOSHIBA-TH58V128FT Datasheet
1Mb / 32P
128Mbit (16M x 8bit) CMOS NAND E2PROM
logo
Samsung semiconductor
K9E2G08B0M SAMSUNG-K9E2G08B0M Datasheet
896Kb / 38P
256M x 8 Bits NAND Flash Memory
logo
Hynix Semiconductor
H27UAG8T2B HYNIX-H27UAG8T2B Datasheet
1Mb / 61P
16Gb (2048M x 8bit) NAND Flash
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
MLC Nand Flash
logo
Hynix Semiconductor
H27UCG8T2BTR-BC HYNIX-H27UCG8T2BTR-BC Datasheet
3Mb / 56P
64Gb(8192M x 8bit) MLC NAND Flash
logo
WAGO Kontakttechnik Gmb...
752-9401 WAGO-752-9401 Datasheet
277Kb / 3P
Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 8GB RAM; 64GB FLASH
752-9400 WAGO-752-9400 Datasheet
277Kb / 3P
Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 4GB RAM; 64GB FLASH
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com