Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJA1050T Datasheet (PDF) - NXP Semiconductors

TJA1050T Datasheet PDF - NXP Semiconductors
Part # TJA1050T
Download  TJA1050T Download
File Size   122.93 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High speed CAN transceiver

TJA1050T Datasheet (PDF)

Go To PDF Page Download Datasheet
TJA1050T Datasheet PDF - NXP Semiconductors

Part # TJA1050T
Download  TJA1050T Click to download

File Size   122.93 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High speed CAN transceiver

TJA1050T Datasheet (HTML) - NXP Semiconductors


TJA1050T Product details

FEATURES
· Fully compatible with the “ISO 11898” standard
· High speed (up to 1 Mbaud)
· Very low ElectroMagnetic Emission (EME)
· Differential receiver with wide common-mode range for high ElectroMagnetic Immunity (EMI)
· An unpowered node does not disturb the bus lines
· Transmit Data (TXD) dominant time-out function
· Silent mode in which the transmitter is disabled
· Bus pins protected against transients in an automotive environment
· Input levels compatible with 3.3 V and 5 V devices
· Thermally protected
· Short-circuit proof to battery and to ground
· At least 110 nodes can be connected.

GENERAL DESCRIPTION
The TJA1050 is the interface between the Controller Area Network (CAN) protocol controller and the physical bus. The device provides differential transmit capability to the bus and differential receive capability to the CAN controller.
The TJA1050 is the third Philips high-speed CAN transceiver after the PCA82C250 and the PCA82C251.
The most important differences are:
· Much lower electromagnetic emission due to optimal matching of the output signals CANH and CANL
· Improved behaviour in case of an unpowered node
· No standby mode.
This makes the TJA1050 eminently suitable for use in nodes that are in a power-down situation in partially powered networks.




Similar Part No. - TJA1050T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1050T PHILIPS-TJA1050T Datasheet
76Kb / 16P
High speed CAN transceiver
1999 Sep 27
TJA1050T NXP-TJA1050T Datasheet
120Kb / 18P
High speed CAN transceiver
2003 Oct 22
TJA1050TD-T NXP-TJA1050TD-T Datasheet
120Kb / 18P
High speed CAN transceiver
2003 Oct 22
More results


Similar Description - TJA1050T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com