Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA30B Datasheet (PDF) - TT Electronics.

PAA30B Datasheet PDF - TT Electronics.
Part # PAA30B
Download  PAA30B Download
File Size   491.33 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description AC-DC ITE Power Module PAA30B Series

PAA30B Datasheet (PDF)

Go To PDF Page Download Datasheet
PAA30B Datasheet PDF - TT Electronics.

Part # PAA30B
Download  PAA30B Click to download

File Size   491.33 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description AC-DC ITE Power Module PAA30B Series

PAA30B Datasheet (HTML) - TT Electronics.


PAA30B Product details

Description:
The PAA30B series of encapsulated AC/DC modules provides up to 30W of continuous output power in a small 1.8” x 2.5” package. These modules operate over a wide range of ambient temperatures and AC input voltages and frequencies, making them suitable for countless global applications.
Features:
• Ultra Compact Size: 2.53” x 1.78”
• Universal Input Range 90-305VAC, 47-440Hz
• I/O Isolation 4000VAC
• Operating Ambient Temperature Range –40°C to +70°C
• No Load Power Consumption < 0.1W
• High Efficiency up to 88%
• Isolation Class II
• EMC Compliant without External Components
• Safety Approval to UL/IEC/EN 62368-1, IEC/EN 60950, TUV IEC/EN60335-1, TUV IEC/EN 61558-2-16
• 3-Year Product Warranty




Similar Part No. - PAA30B

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PAA300F RSG-PAA300F Datasheet
105Kb / 2P
Unit type
PAA300F-12 RSG-PAA300F-12 Datasheet
105Kb / 2P
Unit type
PAA300F-15 RSG-PAA300F-15 Datasheet
105Kb / 2P
Unit type
PAA300F-24 RSG-PAA300F-24 Datasheet
105Kb / 2P
Unit type
PAA300F-3 RSG-PAA300F-3 Datasheet
105Kb / 2P
Unit type
More results


Similar Description - PAA30B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
logo
Arch Electronics Corp.
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MSC60 ARCH-MSC60_18 Datasheet
163Kb / 3P
AC -DC ITE & Medical Power Module
MZC20 ARCH-MZC20_18 Datasheet
221Kb / 3P
AC -DC ITE & Medical Power Module
logo
TT Electronics.
PAA50-12 TTELEC-PAA50-12 Datasheet
504Kb / 4P
ac-dc ite power module paa50 series
28/05/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com