Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L293NE Datasheet (PDF) - Texas Instruments

L293NE Datasheet PDF - Texas Instruments
Part # L293NE
Download  L293NE Download
File Size   352.03 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description L293x Quadruple Half-H Drivers

L293NE Datasheet (PDF)

Go To PDF Page Download Datasheet
L293NE Datasheet PDF - Texas Instruments

Part # L293NE
Download  L293NE Click to download

File Size   352.03 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description L293x Quadruple Half-H Drivers

L293NE Datasheet (HTML) - Texas Instruments


L293NE Product details

1 Features
1• Wide Supply-Voltage Range: 4.5 V to 36 V
• Separate Input-Logic Supply
• Internal ESD Protection
• High-Noise-Immunity Inputs
• Output Current 1 A Per Channel (600 mA for
L293D)
• Peak Output Current 2 A Per Channel (1.2 A for
L293D)
• Output Clamp Diodes for Inductive Transient
Suppression (L293D)

2 Applications
• Stepper Motor Drivers
• DC Motor Drivers
• Latching Relay Drivers

3 Description
The L293 and L293D devices are quadruple high-
current half-H drivers. The L293 is designed to provide bidirectional drive currents of up to 1 A at
voltages from 4.5 V to 36 V. The L293D is designed
to provide bidirectional drive currents of up to 600-mA
at voltages from 4.5 V to 36 V. Both devices are
designed to drive inductive loads such as relays, solenoids, DC and bipolar stepping motors, as well as
other high-current/high-voltage loads in positive-
supply applications.
Each output is a complete totem-pole drive circuit,
with a Darlington transistor sink and a pseudo-
Darlington source. Drivers are enabled in pairs, with
drivers 1 and 2 enabled by 1,2EN and drivers 3 and 4
enabled by 3,4EN.
The L293 and L293D are characterized for operation
from 0°C to 70°C.




Similar Part No. - L293NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293NE TI-L293NE Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
L293NE TI-L293NE Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
L293NE TI1-L293NE Datasheet
501Kb / 21P
Quadruple Half-H Drivers
L293NEE4 TI-L293NEE4 Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
L293NEE4 TI1-L293NEE4 Datasheet
501Kb / 21P
Quadruple Half-H Drivers
More results


Similar Description - L293NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
109Kb / 7P
QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
QUADRUPLE HALF-H DRIVER
SN55188 TI-SN55188 Datasheet
531Kb / 15P
QUADRUPLE LINE DRIVERS
L293N TI-L293N Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
QUADRUPLE HALF-H DRIVER
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
QUADRUPLE LINE DRIVERS
logo
Texas Instruments
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
QUADRUPLE LINE DRIVERS
L293D TI1-L293D_16 Datasheet
501Kb / 21P
Quadruple Half-H Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com