Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IVC102P Datasheet (PDF) - Texas Instruments

IVC102P Datasheet PDF - Texas Instruments
Part # IVC102P
Download  IVC102P Download
File Size   219.41 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER

IVC102P Datasheet (PDF)

Go To PDF Page Download Datasheet
IVC102P Datasheet PDF - Texas Instruments

Part # IVC102P
Download  IVC102P Click to download

File Size   219.41 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER

IVC102P Datasheet (HTML) - Texas Instruments


IVC102P Product details

APPLICATIONS
PRECISION LOW CURRENT MEASUREMENT
PHOTODIODE MEASUREMENTS
IONIZATION CHAMBER MEASUREMENTS
CURRENT/CHARGE-OUTPUT SENSORS
LEAKAGE CURRENT MEASUREMENT

FEATURES
ON-CHIP INTEGRATING CAPACITORS
GAIN PROGRAMMED BY TIMING
LOW INPUT BIAS CURRENT: 750fA max
LOW NOISE
LOW SWITCH CHARGE INJECTION
FAST PULSE INTEGRATION
LOW NONLINEARITY: 0.005% typ
14-PIN DIP, SO-14 SURFACE MOUNT

DESCRIPTION
The IVC102 is a precision integrating amplifier with
FET op amp, integrating capacitors, and low leakage
FET switches. It integrates low-level input current for
a user-determined period, storing the resulting voltage
on the integrating capacitor. The output voltage can be
held for accurate measurement. The IVC102 provides
a precision, lower noise alternative to conventional
transimpedance op amp circuits that require a very
high value feedback resistor.
The IVC102 is ideal for amplifying low-level sensor
currents from photodiodes and ionization chambers.
The input signal current can be positive or negative.
TTL/CMOS-compatible timing inputs control the integration
period, hold and reset functions to set the
effective transimpedance gain and to reset (discharge)
the integrator capacitor.
Package options include 14-Pin plastic DIP and SO-14
surface-mount packages. Both are specified for the
–40°C to 85°C industrial temperature range.




Similar Part No. - IVC102P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
IVC102P BURR-BROWN-IVC102P Datasheet
124Kb / 10P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
IVC102P TI1-IVC102P Datasheet
664Kb / 15P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
More results


Similar Description - IVC102P

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
logo
Burr-Brown (TI)
ACF2101 BURR-BROWN-ACF2101 Datasheet
192Kb / 14P
Low Noise, Dual SWITCHED INTEGRATOR
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
OPA2381 BURR-BROWN-OPA2381 Datasheet
489Kb / 19P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
Precision, High-Speed Transimpedance Amplifier
ACF2101BUE4 TI1-ACF2101BUE4 Datasheet
163Kb / 16P
Low Noise, Dual SWITCHED INTEGRATOR
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
Precision, Low Power, 18MHz Transimpedance Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com