Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF411CDR Datasheet (PDF) - Texas Instruments

LF411CDR Datasheet PDF - Texas Instruments
Part # LF411CDR
Download  LF411CDR Download
File Size   435.14 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description JFET-INPUT OPERATIONAL AMPLIFIER

LF411CDR Datasheet (PDF)

Go To PDF Page Download Datasheet
LF411CDR Datasheet PDF - Texas Instruments

Part # LF411CDR
Download  LF411CDR Click to download

File Size   435.14 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description JFET-INPUT OPERATIONAL AMPLIFIER

LF411CDR Datasheet (HTML) - Texas Instruments


LF411CDR Product details

Low Input Bias Current, 50 pA Typ
Low Input Noise Current, 0.01 pA//Hz Typ
Low Supply Current, 2 mA Typ
High Input impedance, 1012 W Typ
Low Total Harmonic Distortion
Low 1/f Noise Corner, 50 Hz Typ
Package Options Include Plastic
Small-Outline (D) and Standard (P) DIPs

description
This device is a low-cost, high-speed, JFET-input operational amplifier with very low input offset voltage and
a maximum input offset voltage drift. It requires low supply current, yet maintains a large gain-bandwidth product
and a fast slew rate. In addition, the matched high-voltage JFET input provides very low input bias and offset
currents.
The LF411 can be used in applications such as high-speed integrators, digital-to-analog converters,
sample-and-hold circuits, and many other circuits.
The LF411C is characterized for operation from 0°C to 70°C. The LF411I is characterized for operation from
–40°C to 85°C.




Similar Part No. - LF411CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411CDR TI-LF411CDR Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
LF411CDR TI1-LF411CDR Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF411CDRE4 TI-LF411CDRE4 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
LF411CDRG4 TI1-LF411CDRG4 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
More results


Similar Description - LF411CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL070 TI-TL070_06 Datasheet
299Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
JFET-Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com