Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1770 Datasheet (PDF) - Texas Instruments

LM1770 Datasheet PDF - Texas Instruments
Part # LM1770
Download  LM1770 Download
File Size   528.02 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1770 Low-Voltage SOT-23 Synchronous Buck Controller With No External Compensation

LM1770 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1770 Datasheet PDF - Texas Instruments

Part # LM1770
Download  LM1770 Click to download

File Size   528.02 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1770 Low-Voltage SOT-23 Synchronous Buck Controller With No External Compensation

LM1770 Datasheet (HTML) - Texas Instruments


LM1770 Product details

1FEATURES
2• Input Voltage Range of 2.8V to 5.5V
• 0.8V Reference Voltage
• No Compensation Required
• Constant Frequency Across Input Range
• Low Quiescent Current of 400μA
• Internal Soft-start
• Short Circuit Protection
• 5-Pin SOT-23 Package

APPLICATIONS
• Simple To Design, High Efficiency Step Down
Switching Regulators
• Set-Top Boxes
• Cable Modems
• Printers
• Digital Video Recorders
• Servers

DESCRIPTION
The LM1770 is an efficient synchronous buck
switching controller in a tiny SOT-23 package. The
constant on-time control scheme provides a simple
design free of compensation components, allowing
minimal component count and board space. It also
incorporates a unique input feed-forward to maintain a constant frequency independent of the input
voltage. The LM1770 is optimized for a low voltage
input range of 2.8V to 5.5V and can provide an
adjustable output as low as 0.8V. Driving an external
high side PFET and low side NFET it can provide
efficiencies as high as 95%.
Three versions of the LM1770 are available depending on the switching frequency desired for the
application. Nominal switching frequencies are in the
range of 100kHz to 1000kHz.




Similar Part No. - LM1770

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1770 NSC-LM1770 Datasheet
687Kb / 14P
SOT-23 Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
Synchronous Buck Controller
logo
National Semiconductor ...
LM1770SMF NSC-LM1770SMF Datasheet
687Kb / 14P
SOT-23 Synchronous Buck Controller
logo
Texas Instruments
LM1770SMF/NOPB TI1-LM1770SMF/NOPB Datasheet
868Kb / 24P
Synchronous Buck Controller
logo
National Semiconductor ...
LM1770SMFX NSC-LM1770SMFX Datasheet
687Kb / 14P
SOT-23 Synchronous Buck Controller
More results


Similar Description - LM1770

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM1770 NSC-LM1770 Datasheet
687Kb / 14P
SOT-23 Synchronous Buck Controller
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
No External Compensation
11/07/16
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
No External Compensation
11/07/16
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com