Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19 Datasheet (PDF) - Texas Instruments

LM19 Datasheet PDF - Texas Instruments
Part # LM19
Download  LM19 Download
File Size   412.06 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM19 2.4V, 10μA, TO-92 Temperature Sensor

LM19 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM19 Datasheet PDF - Texas Instruments

Part # LM19
Download  LM19 Click to download

File Size   412.06 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM19 2.4V, 10μA, TO-92 Temperature Sensor

LM19 Datasheet (HTML) - Texas Instruments


LM19 Product details

FEATURES
• Rated for Full −55°C to +130°C Range
• Available in a TO-92 Package
• Predictable Curvature Error
• Suitable for Remote Applications
• UL Recognized Component

APPLICATIONS
• Cellular Phones
• Computers
• Power Supply Modules
• Battery Management
• FAX Machines
• Printers
• HVAC
• Disk Drives
• Appliances

KEY SPECIFICATIONS
• Accuracy at +30°C ±2.5 °C (max)
• Accuracy at +130°C & −55°C ±3.5 to ±3.8 °C
(max)
• Power Supply Voltage Range +2.4V to +5.5V
• Current Drain 10 μA (max)
• Nonlinearity ±0.4 % (typ)
• Output Impedance 160 Ω (max)
• Load Regulation
– 0μA < IL< +16 μA

DESCRIPTION
The LM19 is a precision analog output CMOS
integrated-circuit temperature sensor that operates
over a −55°C to +130°C temperature range. The
power supply operating range is +2.4 V to +5.5 V.
The transfer function of LM19 is predominately linear,
yet has a slight predictable parabolic curvature. The accuracy of the LM19 when specified to a parabolic
transfer function is ±2.5°C at an ambient temperature
of +30°C. The temperature error increases linearly
and reaches a maximum of ±3.8°C at the
temperature range extremes. The temperature range
is affected by the power supply voltage. At a power
supply voltage of 2.7 V to 5.5 V the temperature
range extremes are +130°C and −55°C. Decreasing
the power supply voltage to 2.4 V changes the
negative extreme to −30°C, while the positive
remains at +130°C.
The LM19's quiescent current is less than 10 μA.
Therefore, self-heating is less than 0.02°C in still air.
Shutdown capability for the LM19 is intrinsic because
its inherent low power consumption allows it to be
powered directly from the output of many logic gates
or does not necessitate shutdown at all.




Similar Part No. - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
173Kb / 8P
2.4V, 10uA, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
logo
Pixart Imaging Inc.
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
More results


Similar Description - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
2.4V, 10uA, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
Ultra-low current 2.4V precision analog temperature sensor
26-Nov-2007
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com