Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2650 Datasheet (PDF) - Texas Instruments

LM2650 Datasheet PDF - Texas Instruments
Part # LM2650
Download  LM2650 Download
File Size   521.34 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2650 Synchronous Step-Down DC/DC Converter

LM2650 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2650 Datasheet PDF - Texas Instruments

Part # LM2650
Download  LM2650 Click to download

File Size   521.34 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2650 Synchronous Step-Down DC/DC Converter

LM2650 Datasheet (HTML) - Texas Instruments


LM2650 Product details

FEATURES
• Ultra High Efficiencies (95% possible)
• High Efficiency Over a 3A to Milliamperes
Load Range
• Synchronous Switching of Internal NMOS
Power FETs
• Wide Input Voltage Range (4.5V to 18V)
• Output Voltage Adjustable from 1.5V to 16V
• Automatic Low-Power Sleep Mode
• Logic-Controlled Micropower Shutdown (IQSD ≤
25 μA)
• Frequency Adjustable up to 300 kHz
• Frequency Synchronization with External
Signal
• Programmable Soft-Start
• Short-Circuit Current Limiting
• Thermal Shutdown
• Available in 24-lead Small-Outline Package

APPLICATIONS
• Notebook and Palmtop Personal Computers
• Portable Data Terminals
• Modems
• Portable Instruments
• Global Positioning Devices (GPSs)
• Battery-Powered Digital Devices

DESCRIPTION
The LM2650 is a step-down DC/DC converter
featuring high efficiency over a 3A to milliamperes
load range. This feature makes the LM2650 an ideal
fit in battery-powered applications that demand long
battery life in both run and standby modes.
The LM2650 also features a logic-controlled
shutdown mode in which it draws at most 25μA from
the input power supply.
The LM2650 employs a fixed-frequency pulse-width
modulation (PWM) and synchronous rectification to
achieve very high efficiencies. In many applications,
efficiencies reach 95%+ for loads around 1A and
exceed 90% for moderate to heavy loads from 0.2A
to 2A.
A low-power hysteretic or "sleep" mode keeps
efficiencies high at light loads. The LM2650 enters
and exits sleep mode automatically as the load
crosses "sleep in" and "sleep out" thresholds. The
LM2650 provides nodes for programming both
thresholds via external resistors. A logic input allows
the user to override the automatic sleep feature and
keep the LM2650 in PWM mode regardless of the
load level.
An optional soft-start feature limits current surges
from the input power supply at start up and provides
a simple means of sequencing multiple power
supplies.




Similar Part No. - LM2650

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2650 NSC-LM2650 Datasheet
215Kb / 11P
Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM2650 TI-LM2650 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2650M-ADJ NSC-LM2650M-ADJ Datasheet
215Kb / 11P
Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM2650M-ADJ/NOPB TI-LM2650M-ADJ/NOPB Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2650MX-ADJ NSC-LM2650MX-ADJ Datasheet
215Kb / 11P
Synchronous Step-Down DC/DC Converter
More results


Similar Description - LM2650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17545 MAXIM-MAX17545 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com