Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2681 Datasheet (PDF) - Texas Instruments

LM2681 Datasheet PDF - Texas Instruments
Part # LM2681
Download  LM2681 Download
File Size   619.31 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2681 Switched Capacitor Voltage Converter

LM2681 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2681 Datasheet PDF - Texas Instruments

Part # LM2681
Download  LM2681 Click to download

File Size   619.31 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2681 Switched Capacitor Voltage Converter

LM2681 Datasheet (HTML) - Texas Instruments


LM2681 Product details

1FEATURES
2• Doubles or Splits Input Supply Voltage
• SOT-23 6-Lead Package
• 15Ω Typical Output Impedance
• 90% Typical Conversion Efficiency at 20 mA

APPLICATIONS
• Cellular Phones
• Pagers
• PDAs
• Operational Amplifier Power Suppliers
• Interface Power Suppliers
• Handheld Instruments

DESCRIPTION
The LM2681 CMOS charge-pump voltage converter
operates as a voltage doubler for an input voltage in
the range of +2.5V to +5.5V. Two low cost capacitors
and a diode (needed during start-up) is used in this
circuit to provide up to 20 mA of output current. The
LM2681 can also work as a voltage divider to split a
voltage in the range of +1.8V to +11V in half.
The LM2681 operates at 160 kHz oscillator frequency
to reduce output resistance and voltage ripple. With
an operating current of only 550 μA (operating
efficiency greater than 90% with most loads) the
LM2681 provides ideal performance for battery
powered systems. The device is in a SOT-23, 6-lead package.




Similar Part No. - LM2681

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681 TI-LM2681 Datasheet
894Kb / 16P
LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6 NSC-LM2681M6 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681M6/NOPB TI-LM2681M6/NOPB Datasheet
894Kb / 16P
LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6X NSC-LM2681M6X Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
More results


Similar Description - LM2681

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2681 TI-LM2681_15 Datasheet
894Kb / 16P
LM2681 Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com