Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696 Datasheet (PDF) - Texas Instruments

LM2696 Datasheet PDF - Texas Instruments
Part # LM2696
Download  LM2696 Download
File Size   669.62 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2696 3A, Constant On Time Buck Regulator

LM2696 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2696 Datasheet PDF - Texas Instruments

Part # LM2696
Download  LM2696 Click to download

File Size   669.62 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2696 3A, Constant On Time Buck Regulator

LM2696 Datasheet (HTML) - Texas Instruments


LM2696 Product details

1FEATURES
2• Input Voltage Range of 4.5V–24V
• Constant On-Time
• No Compensation Needed
• Maximum Load Current of 3A
• Switching Frequency of 100 kHz–500 kHz
• Constant Frequency Across Input Range
• TTL Compatible Shutdown Thresholds
• Low Standby Current of 12 μA
• 130 mΩ Internal MOSFET Switch

APPLICATIONS
• High Efficiency Step-Down Switching
Regulators
• LCD Monitors
• Set-Top Boxes

DESCRIPTION
The LM2696 is a pulse width modulation (PWM) buck
regulator capable of delivering up to 3A into a load.
The control loop utilizes a constant on-time control
scheme with input voltage feed forward. This provides
a topology that has excellent transient response
without the need for compensation. The input voltage feed forward ensures that a constant switching
frequency is maintained across the entire VIN range.
The LM2696 is capable of switching frequencies in
the range of 100 kHz to 500 kHz. Combined with an
integrated 130 mΩ high side NMOS switch the
LM2696 can utilize small sized external components
and provide high efficiency. An internal soft-start and
power-good flag are also provided to allow for simple
sequencing between multiple regulators.
The LM2696 is available with an adjustable output in
an exposed pad HTSSOP-16 package.




Similar Part No. - LM2696

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Texas Instruments
LM2696 TI-LM2696 Datasheet
967Kb / 28P
LM2696 3A, Constant On Time Buck Regulator
logo
National Semiconductor ...
LM2696MXA NSC-LM2696MXA Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Texas Instruments
LM2696MXA TI-LM2696MXA Datasheet
967Kb / 28P
LM2696 3A, Constant On Time Buck Regulator
LM2696MXA/NOPB TI-LM2696MXA/NOPB Datasheet
967Kb / 28P
LM2696 3A, Constant On Time Buck Regulator
More results


Similar Description - LM2696

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Texas Instruments
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019 Datasheet
331Kb / 18P
48V, 100mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
600mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM2696 TI-LM2696_15 Datasheet
967Kb / 28P
LM2696 3A, Constant On Time Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com