Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27 Datasheet (PDF) - Texas Instruments

LM27 Datasheet PDF - Texas Instruments
Part # LM27
Download  LM27 Download
File Size   673.21 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27 SOT-23, ±3°C Accurate, 120°C-150°C Factory Preset Thermostat

LM27 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM27 Datasheet PDF - Texas Instruments

Part # LM27
Download  LM27 Click to download

File Size   673.21 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27 SOT-23, ±3°C Accurate, 120°C-150°C Factory Preset Thermostat

LM27 Datasheet (HTML) - Texas Instruments


LM27 Product details

1FEATURES
2• Internal Comparator with Pin Selectable 2°C or
10°C Hysteresis
• No External Components Required
• Open-drain or Push-pull Digital Output;
Supports CMOS Logic Levels
• Internal Temperature Sensor with V TEMP Output Pin
• VTEMP Output Allows After-assembly System
Testing
• Internal Voltage Reference and DAC for Trip-
point Setting
• Currently Available in 5-pin SOT-23 Plastic
Package
• Excellent Power Supply Noise Rejection

APPLICATIONS
• Microprocessor Thermal Management
• Appliances
• Portable Battery Powered Systems
• Fan Control
• Industrial Process Control
• HVAC Systems
• Electronic System Protection

KEY SPECIFICATIONS
• Power Supply Voltage 2.7V to 5.5V
• Power Supply Current 40μA (Max), 15μA (Typ)
• Hysteresis Temperature 2°C or 10°C (Typ)
• Temperature Trip Point Accuracy ±3°C (Max)

DESCRIPTION
The LM27 is a precision, single digital-output, low-
power thermostat comprised of an internal reference,
DAC, temperature sensor and comparator. Utilizing
factory programming, it can be manufactured with
different trip points as well as different digital output
functionality. The trip point (TOS) can be preset at the
factory to any temperature in the range of +120°C to
+150°C in 1°C increments. The LM27 has one digital output (OS/OS/US/US), one digital input (HYST) and
one analog output (VTEMP). The digital output stage
can be preset as either open-drain or push-pull. In
addition, it can be factory programmed to be active
HIGH or LOW. The digital output can be factory
programmed to indicate an over temperature shutdown event (OS or OS) or an under temperature
shutdown event (US or US). When preset as an
overtemperature shutdown (OS) it will go LOW to
indicate that the die temperature is over the internally
preset TOS and go HIGH when the temperature goes
below (TOS–THYST). Similarly, when preprogrammed
as an undertemperature shutdown (US) it will go
HIGH to indicate that the temperature is below TUS
and go LOW when the temperature is above
(TUS+THYST). The typical hysteresis, THYST, can be set to 2°C or 10°C and is controlled by the state of the
HYST pin. A VTEMP analog output provides a voltage
that is proportional to temperature and has a
−10.7mV/°C output slope.
Currently, there are several standard parts available,
see Table 1. For other part options, contact a Texas
Instruments Distributor or Sales Representative for information on minimum order qualification. The
LM27 is currently available in a 5-lead SOT-23
package.




Similar Part No. - LM27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27 NSC-LM27 Datasheet
204Kb / 9P
SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
LM27 NSC-LM27 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI1-LM27 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM27-2PLMDA NSC-LM27-2PLMDA Datasheet
237Kb / 10P
짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
logo
Texas Instruments
LM27-2PLMDA TI1-LM27-2PLMDA Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results


Similar Description - LM27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
LM27 NSC-LM27 Datasheet
204Kb / 9P
SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM27 TI-LM27_15 Datasheet
981Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com