Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2704 Datasheet (PDF) - Texas Instruments

LM2704 Datasheet PDF - Texas Instruments
Part # LM2704
Download  LM2704 Download
File Size   662.1 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit

LM2704 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2704 Datasheet PDF - Texas Instruments

Part # LM2704
Download  LM2704 Click to download

File Size   662.1 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit

LM2704 Datasheet (HTML) - Texas Instruments


LM2704 Product details

1FEATURES
2• 550mA, 0.7Ω, Internal Switch
• Uses Small Surface Mount Components
• Adjustable Output Voltage up to 20V
• 2.2V to 7V Input Range
• Input Undervoltage Lockout
• 0.01μA Shutdown Current
• Small 5-Lead SOT-23 Package

APPLICATIONS
• LCD Bias Supplies
• White LED Back-Lighting
• Handheld Devices
• Digital Cameras
• Portable Applications

DESCRIPTION
The LM2704 is a micropower step-up DC/DC in a
small 5-lead SOT-23 package. A current limited, fixed
off-time control scheme conserves operating current
resulting in high efficiency over a wide range of load
conditions. The 21V switch allows for output voltages
as high as 20V. The low 400ns off-time permits the use of tiny, low profile inductors and capacitors to
minimize footprint and cost in space-conscious
portable applications. The LM2704 is ideal for LCD
panels requiring low current and high efficiency as
well as white LED applications for cellular phone
back-lighting. The LM2704 can drive up to 8 white
LEDs from a single Li-Ion battery.




Similar Part No. - LM2704

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704 TI1-LM2704 Datasheet
1,006Kb / 19P
LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
National Semiconductor ...
LM2704-ADJMWC NSC-LM2704-ADJMWC Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704MF-ADJ NSC-LM2704MF-ADJ Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
More results


Similar Description - LM2704

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
logo
National Semiconductor ...
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2703MFX-ADJ TI1-LM2703MFX-ADJ Datasheet
1,015Kb / 19P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704_15 Datasheet
1,006Kb / 19P
LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com