Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2717 Datasheet (PDF) - Texas Instruments

LM2717 Datasheet PDF - Texas Instruments
Part # LM2717
Download  LM2717 Download
File Size   647.68 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2717 Dual Step-Down DC/DC Converter

LM2717 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2717 Datasheet PDF - Texas Instruments

Part # LM2717
Download  LM2717 Click to download

File Size   647.68 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2717 Dual Step-Down DC/DC Converter

LM2717 Datasheet (HTML) - Texas Instruments


LM2717 Product details

FEATURES
• Fixed 3.3V Output Buck Converter with a 2.2A,
0.16Ω, Internal Switch
• Adjustable Buck Converter with a 3.2A, 0.16Ω,
Internal Switch
• Operating Input Voltage Range of 4V to 20V
• Input Undervoltage Protection
• 300kHz to 600kHz Pin Adjustable Operating
Frequency
• Over Temperature Protection
• Small 24-Lead TSSOP Package

APPLICATIONS
• TFT-LCD Displays
• Handheld Devices
• Portable Applications
• Laptop Computers

DESCRIPTION
The LM2717 is composed of two PWM DC/DC buck
step-down) converters. The first converter is used to
generate a fixed output voltage of 3.3V. The second
converter is used to generate an adjustable output
voltage. Both converters feature low RDSON (0.16Ω)
internal switches for maximum efficiency. Operating
frequency can be adjusted anywhere between
300kHz and 600kHz allowing the use of small
external components. External soft-start pins for each
enables the user to tailor the soft-start times to a
specific application. Each converter may also be shut
down independently with its own shutdown pin. The
LM2717 is available in a low profile 24-lead TSSOP
package ensuring a low profile overall solution.




Similar Part No. - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
Dual Step-down DC/DC Converter
LM2717 NSC-LM2717 Datasheet
324Kb / 14P
Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717 Datasheet
957Kb / 17P
LM2717 Dual Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
395Kb / 16P
Dual Step-Down DC/DC Converter
More results


Similar Description - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
LM2717 Dual Step-Down DC/DC Converter
LM2717-ADJ TI-LM2717-ADJ_15 Datasheet
1Mb / 24P
LM2717-ADJ Dual Step-Down DC/DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
Step-Down DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com