Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2756 Datasheet (PDF) - Texas Instruments

LM2756 Datasheet PDF - Texas Instruments
Part # LM2756
Download  LM2756 Download
File Size   603.68 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2756 Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in DSBGA

LM2756 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2756 Datasheet PDF - Texas Instruments

Part # LM2756
Download  LM2756 Click to download

File Size   603.68 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2756 Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in DSBGA

LM2756 Datasheet (HTML) - Texas Instruments


LM2756 Product details

FEATURES
• Drives up to 8 LEDs with up to 30mA of Diode
Current Each
• 32 Exponential Dimming Steps with 800:1
Dimming Ratio for Group A (Up to 6 LEDs)
• 8 Linear Dimming States for Groups B (Up to 3
LEDs) and D1C (1 LED)
• Programmable Auto-Dimming Function switched•
3 Independently Controlled LED Groups Via
I2C Compatible Interface
• Up to 90% Efficiency
• Total Solution Size < 21mm2
• Low Profile 20 Bump DSBGA Package
(1.615mm × 2.015mm × 0.6mm)
• 0.4% Accurate Current Matching
• Internal Soft-Start Limits Inrush Current
• True Shutdown Isolation for LED’s
• Wide Input Voltage Range (2.7V to 5.5V)
• Active High Hardware Enable

APPLICATIONS
• Dual Display LCD Backlighting for Portable
Applications
• Large Format LCD Backlighting
• Display Backlighting with Indicator Light

DESCRIPTION
The LM2756 is a highly integrated, switched•
capacitor, multi-display LED driver that can drive up
to 8 LEDs in parallel with a total output current of 180mA. Regulated internal current sources deliver
excellent current and brightness matching in all LEDs.
The LED driver current sinks are split into three
independently controlled groups. The primary group
(Group A) can be configured to drive four, five or six
LEDs for use in the main phone display, while the
secondary group (Group B) can be configured to
drive one, two or three LEDs for driving secondary
displays, keypads and/or indicator LEDs. An
additional driver, D1C, is provided for additional
indicator lighting functions.




Similar Part No. - LM2756

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2756 NSC-LM2756 Datasheet
508Kb / 16P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in 關SMD
LM2756 NSC-LM2756 Datasheet
509Kb / 16P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
logo
Texas Instruments
LM2756 TI1-LM2756 Datasheet
1Mb / 25P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
logo
National Semiconductor ...
LM2756TM NSC-LM2756TM Datasheet
508Kb / 16P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in 關SMD
LM2756TM NSC-LM2756TM Datasheet
509Kb / 16P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
More results


Similar Description - LM2756

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2756 NSC-LM2756 Datasheet
508Kb / 16P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in 關SMD
LM2756_0712 NSC-LM2756_0712 Datasheet
509Kb / 16P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
LM3528 NSC-LM3528 Datasheet
823Kb / 32P
High Efficiency, Multi Display LED Driver with 128 Exponential Dimming Steps and Integrated OLED Power Supply in a 1.2mm 횞 1.6mm 關SMD Package
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2756 TI1-LM2756 Datasheet
1Mb / 25P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
Richtek Technology Corp...
RT8498 RICHTEK-RT8498 Datasheet
232Kb / 12P
8V Multi-Topology LED Driver with Dimming Control
logo
Analog Devices
LT3950 AD-LT3950 Datasheet
2Mb / 26P
60V, 1.5A LED Driver with Internal Exponential Scale Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com