Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2758 Datasheet (PDF) - Texas Instruments

LM2758 Datasheet PDF - Texas Instruments
Part # LM2758
Download  LM2758 Download
File Size   479.93 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2758 Switched Capacitor Flash LED Driver in DSBGA Package

LM2758 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2758 Datasheet PDF - Texas Instruments

Part # LM2758
Download  LM2758 Click to download

File Size   479.93 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2758 Switched Capacitor Flash LED Driver in DSBGA Package

LM2758 Datasheet (HTML) - Texas Instruments


LM2758 Product details

1 Features
1• Up to 700-mA Output Current
• 90% Peak Efficiency
• Indicator, Torch, and Flash Modes
• Time-Out Circuitry Limits Flash Duration to 814
Milliseconds (Typical)
• Adaptive 1× and 1.5× Gains for Maximum
Efficiency
• True Shutdown
• Internal Soft-Start Eliminates Inrush Current
• Ultra-Small Solution Size
– No Inductor, Only 4 Capacitors and a Resistor
Required
– 2.022 mm × 1.527 mm × 0.6 mm Thin DSBGA
package

2 Applications
• Camera Flash in Mobile Phones
• Flash for Digital Cameras

3 Description
The LM2758 device is an integrated low-noise, highcurrent
switched capacitor DC-DC converter with a
regulated current sink. The device is capable of
driving loads up to 700 mA from a single-cell Li-Ion
battery. Maximum efficiency is achieved over the
input voltage range by actively selecting the proper
gain based on the LED forward voltage and current
requirements.
One external low-power resistor sets the desired
current for indicator, torch, and flash modes. To
protect the devices and the flash LED, internal timeout
circuitry turns off the LM2758 in case of a faulty
prolonged flash mode. Internal soft-start circuitry
limits the amount of inrush current during start-up.




Similar Part No. - LM2758

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
876Kb / 18P
LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2758TL NSC-LM2758TL Datasheet
1,012Kb / 14P
Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758TL/NOPB TI1-LM2758TL/NOPB Datasheet
928Kb / 23P
LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
More results


Similar Description - LM2758

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
High Power Switched Capacitor Voltage Convertor/Flash LED Driver
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
800mA Switched Capacitor Flash LED Driver with Time-Out Protection
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com