Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2773 Datasheet (PDF) - Texas Instruments

LM2773 Datasheet PDF - Texas Instruments
Part # LM2773
Download  LM2773 Download
File Size   611.4 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator

LM2773 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2773 Datasheet PDF - Texas Instruments

Part # LM2773
Download  LM2773 Click to download

File Size   611.4 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator

LM2773 Datasheet (HTML) - Texas Instruments


LM2773 Product details

1FEATURES
2• Low-Noise Spread Spectrum Operation
• 1.8V/1.6V Selectable Output Voltage
• 2% Output Voltage Regulation
• > 75% Efficiency in 1.8V Mode
• Very Low Output Ripple: 10mV @ 300mA
• Output Currents up to 300mA
• 2.5V to 5.5V Input Voltage Range
• Shutdown Disconnects Load from VIN
• 1.15MHz Switching Frequency
• No Inductors…Small Solution Size
• Short Circuit and Thermal Protection
• 0.5mm pitch, DSBGA-9 (1.511 × 1.511mm ×
0.6mm)

APPLICATIONS
• Power Supply for DSP's, Memory, and
Microprocessors
• Mobile Phones and Pagers
• Digital Cameras, Portable Music Players, and
Other Portable Electronic Devices

DESCRIPTION
The LM2773 is a switched capacitor step-down
regulator that produces a selectable 1.8V or 1.6V
output. It is capable of supplying loads up to 300mA.
The LM2773 operates with an input voltage from 2.5V
to 5.5V, accommodating 1-cell Li-Ion batteries and
chargers.
The LM2773 utilizes a regulated charge pump with
gains of 2/3x and 1x. It has very low ripple and noise
on both the input and output due to its pre-regulated
1.15MHz (typ.) switching frequency and spread
spectrum operation. When output currents are low,
the LM2773 automatically switches to a low-ripple PFM regulation mode to maintain high efficiency over
the entire load range.
The LM2773 is available in TI's 0.5mm pitch 9-bump
DSBGA.




Similar Part No. - LM2773

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2773 TI-LM2773 Datasheet
1Mb / 18P
LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
National Semiconductor ...
LM2773TL NSC-LM2773TL Datasheet
326Kb / 12P
Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2773TL/NOPB TI-LM2773TL/NOPB Datasheet
1Mb / 18P
LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
National Semiconductor ...
LM2773TLX NSC-LM2773TLX Datasheet
326Kb / 12P
Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
More results


Similar Description - LM2773

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
Low-Ripple Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Linear Technology
LTC3543 LINER-LTC3543_15 Datasheet
339Kb / 20P
600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
logo
Texas Instruments
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
LM2773 TI-LM2773_15 Datasheet
1Mb / 18P
LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com