Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293-EP Datasheet (PDF) - Texas Instruments

LM293-EP Datasheet PDF - Texas Instruments
Part # LM293-EP
Download  LM293-EP Download
File Size   384.58 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL DIFFERENTIAL COMPARATOR

LM293-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
LM293-EP Datasheet PDF - Texas Instruments

Part # LM293-EP
Download  LM293-EP Click to download

File Size   384.58 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL DIFFERENTIAL COMPARATOR

LM293-EP Datasheet (HTML) - Texas Instruments


LM293-EP Product details

1FEATURES
· Controlled Baseline
– One Assembly
– Test Site
– One Fabrication Site
· Extended Temperature Performance of
–55°C to 125°C
· Enhanced Diminishing Manufacturing Sources
(DMS) Support
· Enhanced Product Change Notification
· Qualification Pedigree (1)
· Single Supply or Dual Supplies
· Wide Range of Supply Voltage
– Max Rating . . . 2 V to 36 V
– Tested to 30 V
· Low Supply-Current Drain Independent of
Supply Voltage . . . 0.4 mA Typical Per
Comparator
· Low Input Bias Current . . . 25 nA Typical
· Low Input Offset Voltage . . . 2 mV Typical
· Common-Mode Input Voltage Range Includes
Ground
· Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . . ±36 V
· Low Output Saturation Voltage
· Output Compatible With TTL, MOS, and CMOS

DESCRIPTION/ORDERING INFORMATION
This device consist of two independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other
open-collector outputs to achieve wired-AND relationships.
The LM293-EP is characterized for operation from –55°C to 125°C.




Similar Part No. - LM293-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP Datasheet
1Mb / 40P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM293-EP TI1-LM293-EP Datasheet
1Mb / 46P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM293-EP TI-LM293-EP Datasheet
2Mb / 49P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
More results


Similar Description - LM293-EP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com