Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM306D Datasheet (PDF) - Texas Instruments

LM306D Datasheet PDF - Texas Instruments
Part # LM306D
Download  LM306D Download
File Size   479.95 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL COMPARATOR WITH STROBES

LM306D Datasheet (PDF)

Go To PDF Page Download Datasheet
LM306D Datasheet PDF - Texas Instruments

Part # LM306D
Download  LM306D Click to download

File Size   479.95 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL COMPARATOR WITH STROBES

LM306D Datasheet (HTML) - Texas Instruments


LM306D Product details

Fast Response Times
Improved Gain and Accuracy
Fanout to 10 Series 54/74 TTL Loads
Strobe Capability
Short-Circuit and Surge Protection
Designed to Be Interchangeable With
National Semiconductor LM306

description
The LM306 is a high-speed voltage comparator
with differential inputs, a low-impedance highsink-
current (100 mA) output, and two strobe
inputs. This device detects low-level analog or
digital signals and can drive digital logic or lamps
and relays directly. Short-circuit protection and
surge-current limiting is provided.
A low-level input at either strobe causes the output
to remain high regardless of the differential
input.When both strobe inputs are either open or
at a high logic level, the output voltage is
controlled by the differential input voltage. The
circuit will operate with any negative supply
voltage between −3 V and −12 V with little
difference in performance.
The LM306 is characterized for operation from
0°C to 70°C.




Similar Part No. - LM306D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM306D TI1-LM306D Datasheet
313Kb / 15P
Fast Response Times Improved Gain and Accuracy
LM306DE4 TI1-LM306DE4 Datasheet
313Kb / 15P
Fast Response Times Improved Gain and Accuracy
LM306DG4 TI1-LM306DG4 Datasheet
313Kb / 15P
Fast Response Times Improved Gain and Accuracy
LM306DR TI1-LM306DR Datasheet
313Kb / 15P
Fast Response Times Improved Gain and Accuracy
LM306DRE4 TI1-LM306DRE4 Datasheet
313Kb / 15P
Fast Response Times Improved Gain and Accuracy
More results


Similar Description - LM306D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
DIFFERENTIAL COMPARATOR WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
DIFFERENTIAL COMPARATOR WITH STROBES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com