Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321 Datasheet (PDF) - Texas Instruments

LM321 Datasheet PDF - Texas Instruments
Part # LM321
Download  LM321 Download
File Size   682.69 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM321 Low Power Single Operational Amplifier

LM321 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM321 Datasheet PDF - Texas Instruments

Part # LM321
Download  LM321 Click to download

File Size   682.69 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM321 Low Power Single Operational Amplifier

LM321 Datasheet (HTML) - Texas Instruments


LM321 Product details

1 Features
1• (VCC = 5 V, TA = 25°C. Typical values unless
specified.)
• Gain-Bandwidth Product 1 MHz
• Low Supply Current 430 μA
• Low Input Bias Current 45 nA
• Wide Supply Voltage Range 3 V to 32 V
• Stable With High Capacitive Loads
• Single Version of LM324

2 Applications
• Chargers
• Power Supplies
• Industrial: Controls, Instruments
• Desktops
• Communications Infrastructure

3 Description
The LM321 brings performance and economy to low
power systems. With a high unity gain frequency and
a specified 0.4-V/μs slew rate, the quiescent current
is only 430-μA/amplifier (5 V). The input common
mode range includes ground and therefore the device
is able to operate in single supply applications as well
as in dual supply applications. It is also capable of comfortably driving large capacitive loads.
The LM321 is available in the SOT-23 package. Overall the LM321 is a low power, wide supply range
performance operational amplifier that can be
designed into a wide range of applications at an
economical price without sacrificing valuable board
space.




Similar Part No. - LM321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
Seoul Semiconductor
LM321 SEOUL-LM321 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM321 SEOUL-LM321 Datasheet
360Kb / 13P
CYAN LAMP LED
LM321 SEOUL-LM321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM321 SEOUL-LM321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results


Similar Description - LM321

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com