Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3281 Datasheet (PDF) - Texas Instruments

LM3281 Datasheet PDF - Texas Instruments
Part # LM3281
Download  LM3281 Download
File Size   654.77 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions

LM3281 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3281 Datasheet PDF - Texas Instruments

Part # LM3281
Download  LM3281 Click to download

File Size   654.77 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions

LM3281 Datasheet (HTML) - Texas Instruments


LM3281 Product details

1 Features
1• Operates from a Single Li-Ion Cell (3 V to 5.5 V)
• 6-MHz (typ.) PWM Switching Frequency
• Fixed Output Voltage: 3.3 V
• Up to 1.2-A Maximum Load Capability
• High Efficiency: 94% (typ.) with 3.8-V V IN at
300 mA
• Analog Bypass: 60-mV (typ.) Drop-Out at 600 mA
• Low I Q: 16 μA typical, 25 μA maximum
• Automatic ECO/PWM/Bypass Mode Change
• Forced PWM Mode for Low Output-Voltage Ripple
• Soft-Start Limits Input Current on Start-Up
• Current Overload Protection
• Thermal Overload Protection
• Small Total Solution Size: < 7.5 mm2

2 Applications
• WLAN, WiFi Station Devices
• WiFi RF PC Cards
• Battery-Powered RF Devices

3 Description
The LM3281 is a high-efficiency low-noise miniature
DC-DC converter optimized for powering noise- sensitive wireless connectivity chipsets and RF Front
End Modules (FEMs) from a single Lithium-Ion cell.
The LM3281 is ideal for “always on” applications with
very low unloaded quiescent current of 16 μA (typ.).
The LM3281 steps down an input supply voltage to a
fixed output voltage of 3.3 V with output current up to
1200 mA. Five different modes of operation are used
to optimize efficiency and minimize battery drain. In
Pulse Width Modulation (PWM) mode, the device
operates at a fixed frequency of 6 MHz which
minimizes RF interference when driving medium-to- heavy loads. At light load, the device automatically
enters into Economy (ECO) mode with reduced
quiescent current. In a low-battery voltage condition,
a bypass mode reduces the voltage dropout to 60 mV
(typ.) at 600 mA. If very low output voltage ripple is
desired at light loads, the device can also be forced into PWM mode. Shutdown mode turns the device off
and reduces battery consumption to 0.1 μA (typ.).




Similar Part No. - LM3281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
LM3281YFQR TI1-LM3281YFQR Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
LM3281 TI-LM3281_15 Datasheet
1Mb / 26P
LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
More results


Similar Description - LM3281

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LM3281 TI-LM3281_15 Datasheet
1Mb / 26P
LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com