Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3290 Datasheet (PDF) - Texas Instruments

LM3290 Datasheet PDF - Texas Instruments
Part # LM3290
Download  LM3290 Download
File Size   177.11 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3290 Product Brief

LM3290 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3290 Datasheet PDF - Texas Instruments

Part # LM3290
Download  LM3290 Click to download

File Size   177.11 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3290 Product Brief

LM3290 Datasheet (HTML) - Texas Instruments


LM3290 Product details

1 Features
1• VOUT_RANGE – V OUT_ET = 0.6 V to 4.5 V
– VOUT_APT = 0.4 V to 3.81 V (or VIN – 200 mV)
• DC Boost For ET Operation:
– Boost Input Voltage Range: 2.5 V to 5 V
– High-Efficiency (90% typical) with Internal
Synchronous Rectification
– Boost Bypass Function with Low Resistance
(150 mΩ typ.)
– 2.7-MHz PWM Switching Frequency
• Buck DC-DC for APT and ET Operation:
– High Operating Frequency for Small External
Inductor and Capacitors
– V OUT_RANGE = 0.4 V to 3.81 V
(or VIN – 200 mV)
– High-Efficiency (95% typical) with Internal highSynchronous
Rectification
– Low-Power PFM Mode
• LM3291 Control:
– Automatic Control of LM3291 in ET Mode
• RFFE Control Interface:
– 1.8-V MIPI® RFFE 1.1-Compatible Digital
Control Interface
– 26-MHz Write Capability
– 13-MHz Read Capability

2 Description
The LM3290, with its companion IC LM3291, is an
RF envelope supply modulator (EM) with integrated
DC-DC boost converter optimized for Envelope
Tracking (ET) RF power amplifiers (PAs). The device
enables maximum transmit output power independent
of the input battery voltage (battery as low as 2.5 V) and is controlled by the MIPI® RFFE 1.1.
The LM3290 operates in two active modes:
Active Mode 1: For low TX output power, LM3290
may operate in Average Power Tracking (APT) mode,
providing a static, but programmable, output voltage to supply the PA. At light load and in APT mode, the
LM3290 enters into Pulse Frequency Mode (PFM)
operation automatically and operates with reduced
switching frequency. In PFM mode, the quiescent
current is reduced, which extends the battery life.
Active Mode 2: In ET mode, the LM3290 with
LM3291 efficiently provides a dynamic, highSynchronous
bandwidth supply voltage for the PA to maximize total EM + PA efficiency. The envelope modulator follows
the envelope reference input signal delivered by the
RFIC to the LM3291 via a differential analog input.
The output is a single-ended power supply signal to
the PA.
The LM3290 and LM3291 support 3G, as well as LTE
operation up to 20-MHz signal bandwidth.
The LM3290 controls the LM3291 companion-IC
through direct control signals, and no additional
controls are needed from the system. Shutdown,
standby, and idle modes turn the EM off and reduce
battery current consumption.
For the full datasheet, samples, or the EVM
hardware and software please contact a TI
representative at ET@list.ti.com.




Similar Part No. - LM3290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3290 TI1-LM3290 Datasheet
58Kb / 3P
LM3290 Product Brief
LM3290TME/NOPB TI1-LM3290TME/NOPB Datasheet
58Kb / 3P
LM3290 Product Brief
LM3290TMX/NOPB TI1-LM3290TMX/NOPB Datasheet
58Kb / 3P
LM3290 Product Brief
More results


Similar Description - LM3290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3290 TI1-LM3290 Datasheet
58Kb / 3P
LM3290 Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com