Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3291 Datasheet (PDF) - Texas Instruments

LM3291 Datasheet PDF - Texas Instruments
Part # LM3291
Download  LM3291 Download
File Size   102.61 Kbytes
Page   3 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3291 Product Brief

LM3291 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3291 Datasheet PDF - Texas Instruments

Part # LM3291
Download  LM3291 Click to download

File Size   102.61 Kbytes
Page   3 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3291 Product Brief

LM3291 Datasheet (HTML) - Texas Instruments


LM3291 Product details

1FEATURES
23• Highly Programmable High-Current Linear
Amplifier
• > 75 MHz Typical Small Signal Bandwidth
• Extremely Low Output Impedance
• High Linearity
• Differential Analog Input Compatible with
eTrak 1.0 Standard
• Low Output Noise
• When paired with the LM3290 provides a
complete Envelope Modulator solution for
3G/4G Envelope Tracking Power Amplifiers.
• Automatically controlled through LM3290 in an
envelope modulation solution using MIPI®
RFFE 1.1-compatible interface.

APPLICATIONS
• 3G/LTE Handsets
• 3G//LTE Tablets
• 3G/LTE Data Cards and Wireless Modems

DESCRIPTION
The LM3291 is a high-speed linear amplifier that, with
its companion IC LM3290, constitutes an RF
Envelope Modulator (EM) for supplying 3G/4G Power
Amplifiers (PA) in envelope tracking systems. The
amplifier provides extremely low output impedance
and low output noise over a wide bandwidth.
In conjunction with an Envelope Tracking (ET)
capable RFIC and PA, the LM3291 and LM3290
greatly improve PA efficiency for 3G and LTE operation.
In ET mode, the LM3291 and LM3290 provide
envelope tracking supply voltage for the PA maximizing total EM + PA efficiency. The envelope
modulator follows the differential envelope reference
input signal delivered by the RFIC to the LM3291.
The output is a single-ended dynamic power supply
voltage to the PA.
The LM3291 supports 3G and LTE operation up to 20
MHz signal bandwidth.
The LM3291’s programmable parameters are
controlled by LM3290 via a direct serial interface
between the two devices. No additional controls are
needed in the system. This interface provides flexible
control and adjustment options to optimize LM3291
efficiency and noise performance for various
frequency bands and power levels.
At high TX output power, the EM can be operated in
ET mode where LM3290 and LM3291 together
modulate the supply of the PA with the envelope
signal to improve overall system efficiency. At low TX
output power, the EM can be transitioned to Average
Power Tracking (APT) mode where LM3291 is placed
into shutdown mode to improve system efficiency.
The LM3291 is available in a 12-pin lead-free DSBGA
package.
For the full datasheet, samples, or the EVM
hardware and software please contact a TI
representative at ET@list.ti.com.




Similar Part No. - LM3291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3291 TI1-LM3291 Datasheet
46Kb / 3P
LM3291 Product Brief
LM3291 TI1-LM3291 Datasheet
488Kb / 4P
Highly Programmable High-Current Linear Amplifier
LM3291TME/NOPB TI1-LM3291TME/NOPB Datasheet
488Kb / 4P
Highly Programmable High-Current Linear Amplifier
LM3291TMENOPB TI1-LM3291TMENOPB Datasheet
46Kb / 3P
LM3291 Product Brief
LM3291TMX/NOPB TI1-LM3291TMX/NOPB Datasheet
488Kb / 4P
Highly Programmable High-Current Linear Amplifier
More results


Similar Description - LM3291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3291 TI1-LM3291 Datasheet
46Kb / 3P
LM3291 Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com