Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3447 Datasheet (PDF) - Texas Instruments

LM3447 Datasheet PDF - Texas Instruments
Part # LM3447
Download  LM3447 Download
File Size   553.22 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting

LM3447 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3447 Datasheet PDF - Texas Instruments

Part # LM3447
Download  LM3447 Click to download

File Size   553.22 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting

LM3447 Datasheet (HTML) - Texas Instruments


LM3447 Product details

1FEATURES
• Integrated Phase Angle Decode
– Leading and Trailing Edge Compatible
– Over 50:1 Dimming Range
• Power Factor Correction with Low Total
Harmonic Distortion
• Primary Side Control Using Input Voltage
Feedforward Technique
• Input Power Regulation Scheme with Improved
Line Regulation
• Constant Power Operation of LEDs to
Compensate for Forward Voltage Variations
Over Temperature and Lifetime
• Fixed Frequency Discontinuous Conduction
Mode Operation
• Valley Switching Operation to Achieve High
Efficiency and Low EMI
• Efficient TRIAC Hold Current Management
• Thermal Foldback Function for LED Protection
• LED Open Circuit and Short Circuit Protection

APPLICATIONS
• Dimmable A19, R20, PAR30/38 LED Lamps
• Recessed LED Downlights and Pendant Lights
• Industrial and Commercial Solid State Lighting

DESCRIPTION
The LM3447 is a versatile power factor correction
(PFC) controller designed to meet the performance
requirements of residential and commercial phase-cut
dimmer compatible LED lamp drivers. The device
incorporates a phase decoder circuit and an
adjustable hold current circuit to provide smooth,
flicker free dimming operation. A proprietary primary
side control technique based on input voltage
feedforward is used to regulate the input power
drawn by the LED driver and to achieve line
regulation over a wide range of input voltage. Valley
switching operation is implemented to minimize
switching loss and reduce EMI. An internal thermal foldback circuit is provided to protects the LEDs from
damage based on the temperature sensed by a
single external NTC resistor. Additional features
include LED open circuit and short circuit protection,
cycle-by-cycle FET over-current protection, burst
mode fault operation using an internal 812ms fault
timer and internal thermal shutdown.
The LM3447 is ideal for implementing dimmable,
isolated single stage LED lamp drivers where
simplicity, low-component count and small solution
size are of primary importance. This device is
currently available in a TSSOP 14-pin package.




Similar Part No. - LM3447

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3447 TI1-LM3447 Datasheet
554Kb / 25P
Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
LM3447MT TI1-LM3447MT Datasheet
554Kb / 25P
Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
LM3447MT TI1-LM3447MT Datasheet
1Mb / 26P
a Phase-Dimmable, Primary-Side Regulated LED Driver
LM3447MT/NOPB TI1-LM3447MT/NOPB Datasheet
554Kb / 25P
Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
LM3447MTE TI1-LM3447MTE Datasheet
554Kb / 25P
Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
More results


Similar Description - LM3447

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3447 TI1-LM3447 Datasheet
554Kb / 25P
Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
SLUU937 TI1-SLUU937 Datasheet
1Mb / 26P
a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Monolithic Power System...
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
Rev 2
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4060 MPS-MP4060 Datasheet
658Kb / 25P
TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com