Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM380 Datasheet (PDF) - Texas Instruments

LM380 Datasheet PDF - Texas Instruments
Part # LM380
Download  LM380 Download
File Size   622.52 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM380 2.5W Audio Power Amplifier

LM380 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM380 Datasheet PDF - Texas Instruments

Part # LM380
Download  LM380 Click to download

File Size   622.52 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM380 2.5W Audio Power Amplifier

LM380 Datasheet (HTML) - Texas Instruments


LM380 Product details

1FEATURES
• Wide Supply Voltage Range: 10V-22V
• Low Quiescent Power Drain: 0.13W (VS= 18V)
• Voltage Gain Fixed at 50
• High Peak Current Capability: 1.3A
• Input Referenced to GND
• High Input Impedance: 150kΩ
• Low Distortion
• Quiescent Output Voltage is at One-Half of the
Supply Voltage
• Standard Dual-In-Line Package

DESCRIPTION
The LM380 is a power audio amplifier for consumer
applications. In order to hold system cost to a
minimum, gain is internally fixed at 34 dB. A unique
input stage allows ground referenced input signals.
The output automatically self-centers to one-half the
supply voltage.
The output is short circuit proof with internal thermal
limiting. The package outline is standard dual-in-line.
The LM380N uses a copper lead frame. The center
three pins on either side comprise a heat sink. This
makes the device easy to use in standard PC layouts.
Uses include simple phonograph amplifiers,
intercoms, line drivers, teaching machine outputs,
alarms, ultrasonic drivers, TV sound systems, AM-FM
radio, small servo drivers, power converters, etc.
A selected part for more power on higher supply
voltages is available as the LM384. For more
information see SNAA086.




Similar Part No. - LM380

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM380 NSC-LM380 Datasheet
236Kb / 8P
Audio Power Amplifier
LM380 NSC-LM380 Datasheet
271Kb / 9P
2.5W Audio Power Amplifier
logo
Texas Instruments
LM380 TI1-LM380 Datasheet
536Kb / 13P
LM380 2.5W Audio Power Amplifier
logo
SYC Electronica
LM380 SYC-LM380 Datasheet
305Kb / 8P
2.5W Audio Power Amplifier
logo
Texas Instruments
LM380 TI2-LM380 Datasheet
623Kb / 15P
LM380 2.5W Audio Power Amplifier
REVISED APRIL 2013
More results


Similar Description - LM380

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM380 NSC-LM380_00 Datasheet
271Kb / 9P
2.5W Audio Power Amplifier
logo
Texas Instruments
LM380 TI1-LM380 Datasheet
536Kb / 13P
LM380 2.5W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
2.5W-Ch Stereo Class D Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com