Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM397 Datasheet (PDF) - Texas Instruments

LM397 Datasheet PDF - Texas Instruments
Part # LM397
Download  LM397 Download
File Size   515.55 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM397 Single General-Purpose Voltage Comparator

LM397 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM397 Datasheet PDF - Texas Instruments

Part # LM397
Download  LM397 Click to download

File Size   515.55 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM397 Single General-Purpose Voltage Comparator

LM397 Datasheet (HTML) - Texas Instruments


LM397 Product details

1 Features
1• TA = 25°C. Typical Values Unless Otherwise
Specified.
• 5-Pin SOT-23 Package
• Industrial Operating Range −40°C to +85°C
• Single or Dual Power Supplies
• Wide Supply Voltage Range 5 V to 30 V
• Low Supply Current 300 μA
• Low Input Bias Current 7 nA
• Low Input Offset Current ±1 nA
• Low Input Offset Voltage ±2 mV
• Response Time 440 ns (50-mV Overdrive)
• Input Common-Mode Voltage 0 to VS – 1.5 V

2 Applications
• A/D Converters
• Pulse, Square-Wave Generators
• Peak Detector
• Industrial Applications

3 Description
The LM397 device is a single voltage comparator
with an input common mode that includes ground.
The LM397 is designed to operate from a single 5-V
to 30-V power supply or a split power supply. Its low
supply current is virtually independent of the
magnitude of the supply voltage.
The LM397 features an open-collector output stage.
This allows the connection of an external resistor at
the output. The output can directly interface with TTL,
CMOS and other logic levels, by tying the resistor to
different voltage levels (level translator).
The LM397 is available in the space-saving 5-Pin
SOT-23 package and is pin-compatible to TI’s TL331,
a single differential comparator.




Similar Part No. - LM397

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397 NSC-LM397 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
Texas Instruments
LM397 TI-LM397 Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI-LM397 Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
LM397 Single General Purpose Voltage Comparator
More results


Similar Description - LM397

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
Single General Purpose Voltage Comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com