Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45 Datasheet (PDF) - Texas Instruments

LM45 Datasheet PDF - Texas Instruments
Part # LM45
Download  LM45 Download
File Size   604.33 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM45 SOT-23 Precision Centigrade Temperature Sensors

LM45 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM45 Datasheet PDF - Texas Instruments

Part # LM45
Download  LM45 Click to download

File Size   604.33 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM45 SOT-23 Precision Centigrade Temperature Sensors

LM45 Datasheet (HTML) - Texas Instruments


LM45 Product details

1FEATURES
2• Calibrated Directly in ° Celsius (Centigrade)
• Linear + 10.0 mV/°C Scale Factor
• ±3°C Accuracy Guaranteed
• Rated for Full −20° to +100°C Range
• Suitable for Remote Applications
• Low Cost Due to Wafer-Llevel Trimming
• Operates from 4.0V to 10V
• Less than 120 μA Current Drain
• Low Self-Heating, 0.20°C in Still Air
• Nonlinearity Only ±0.8°C Max Over Temp
• Low Impedance Output, 20Ω for 1 mA Load

APPLICATIONS
• Battery Management
• FAX Machines
• Printers
• Portable Medical Instruments
• HVAC
• Power Supply Modules
• Disk Drives
• Computers
• Automotive

DESCRIPTION
The LM45 series are precision integrated-circuit
temperature sensors, whose output voltage is linearly
proportional to the Celsius (Centigrade) temperature.
The LM45 does not require any external calibration or
trimming to provide accuracies of ±2°C at room
temperature and ±3°C over a full −20 to +100°C temperature range. Low cost is assured by trimming
and calibration at the wafer level. The LM45's low
output impedance, linear output, and precise inherent
calibration make interfacing to readout or control
circuitry especially easy. It can be used with a single
power supply, or with plus and minus supplies. As it
draws only 120 μA from its supply, it has very low
self-heating, less than 0.2°C in still air. The LM45 is
rated to operate over a −20° to +100°C temperature
range.




Similar Part No. - LM45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM45 NSC-LM45 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM45 TI-LM45 Datasheet
918Kb / 18P
SOT-23 Precision Centigrade Temperature Sensors8
logo
National Semiconductor ...
LM4500A NSC-LM4500A Datasheet
252Kb / 7P
LM4500A High Fidelity FM Stereo Demodulator with Blend
LM4500AN NSC-LM4500AN Datasheet
252Kb / 7P
LM4500A High Fidelity FM Stereo Demodulator with Blend
More results


Similar Description - LM45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM45 TI-LM45_15 Datasheet
918Kb / 18P
SOT-23 Precision Centigrade Temperature Sensors8
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com